Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF9A-25S-1V Datasheet(PDF) 7 Page - Hirose Electric

Part # DF9A-25S-1V
Description  1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF9A-25S-1V Datasheet(HTML) 7 Page - Hirose Electric

  DF9A-25S-1V Datasheet HTML 1Page - Hirose Electric DF9A-25S-1V Datasheet HTML 2Page - Hirose Electric DF9A-25S-1V Datasheet HTML 3Page - Hirose Electric DF9A-25S-1V Datasheet HTML 4Page - Hirose Electric DF9A-25S-1V Datasheet HTML 5Page - Hirose Electric DF9A-25S-1V Datasheet HTML 6Page - Hirose Electric DF9A-25S-1V Datasheet HTML 7Page - Hirose Electric DF9A-25S-1V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
A284
sBottom Entry Header
[Specific No.] _ **, (**)
(20): Tin plated tube packaging
(21): Gold plated embossed tape packaging
Part Number
CL No.
DF9L-31P-1V (**) 540-0215-7-**
31
21.64
14
15
19.4
22
KK
With metal fitting
Number of Contacts
A
B
C
D
Tube Packaging
Quantity
Spec.
(29)
Spec.
(21)
Remarks
Product Type
Size
DF9L-31P-1V
31
32
28.4
14.2
32.4
Number of Contacts
A
B
C
D
Note 1 : Please order the tube packaging product by multiplying the packaging quantity ( pcs.).
Note 2 : Please order the embossed tape packaging product per reel. (1000 pcs. per reel)
Note 3 : The vacuum area on the embossed tape product utilizes the connector case surface. However, it is necessary to check the
previous vacuum, because the surface isn't always plain.
Note :
The shaded area indicates the through-hole area.
Note : The 2.9mm board to board size does not include the soldering paste
thickness.
BRecommended PCB mounting pattern
BApplication Pattern
BTube Size
BEmbossed Carrier Tape Dimensions
Board
Board
Board punching area
Unit: mm


Similar Part No. - DF9A-25S-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9A-25S-1V HIROSE-DF9A-25S-1V Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
More results

Similar Description - DF9A-25S-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9-15S-1V32 HIROSE-DF9-15S-1V32 Datasheet
239Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF15 ETC1-DF15 Datasheet
366Kb / 11P
   0.65mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF151.830DS-0.65V56 HIROSE-DF151.830DS-0.65V56 Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com