Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF16A-50DS-0.5V Datasheet(PDF) 10 Page - Hirose Electric

Part # DF16A-50DS-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF16A-50DS-0.5V Datasheet(HTML) 10 Page - Hirose Electric

  DF16A-50DS-0.5V Datasheet HTML 1Page - Hirose Electric DF16A-50DS-0.5V Datasheet HTML 2Page - Hirose Electric DF16A-50DS-0.5V Datasheet HTML 3Page - Hirose Electric DF16A-50DS-0.5V Datasheet HTML 4Page - Hirose Electric DF16A-50DS-0.5V Datasheet HTML 5Page - Hirose Electric DF16A-50DS-0.5V Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 6 page
background image
A317
sEmbossed Carrier Tape Dimensions
qReceptacle
qHeader
qReel Dimensions
qReel Dimensions
Ø1
0.2
2
±0.5
2
±0.5
Q +2
0
Product name label
Ø1.5Lead hole depth
Ø1
0.2
2
±0.5
2
±0.5
Q +2
0
Product name label
Ø1.5Lead hole depth
Product Name
DF16#-14DS-0.5V
DF16#-16DS-0.5V
DF16#-20DS-0.5V
DF16#-30DS-0.5V
DF16#-34DS-0.5V
DF16#-40DS-0.5V
DF16#-50DS-0.5V
DF16#-60DS-0.5V
DF16#-80DS-0.5V
DF16#(2.0)-14DP-0.5V
DF16#(2.0)-16DP-0.5V
DF16#(2.0)-34DP-0.5V
DF16#(2.0/2.5)-20DP-0.5V
DF16#(2.0/2.5)-30DP-0.5V
DF16#(2.0/2.5)-40DP-0.5V
DF16#(2.0/2.5)-50DP-0.5V
DF16#(2.0/2.5)-60DP-0.5V
DF16#(2.0/2.5)-80DP-0.5V
N
24.0
24.0
24.0
24.0
24.0
32.0
32.0
32.0
44.0
16.0
16.0
24.0
16.0
24.0
24.0
24.0
32.0
44.0
M
-----
-----
-----
-----
-----
28.4
28.4
28.4
40.4
-----
-----
-----
-----
-----
-----
-----
28.4
40.4
L
11.5
11.5
11.5
11.5
11.5
14.2
14.2
14.2
20.2
07.5
07.5
11.5
07.5
11.5
11.5
11.5
14.2
20.2
Q
24.4
24.4
24.4
24.4
24.4
32.4
32.4
32.4
44.4
16.4
16.4
24.4
16.4
24.4
24.4
24.4
32.4
44.4
12
±0.1
2
±0.1
4
±0.1
R0.75
+0.1
0
Y−Y
Unreeling direction
X−X
12
±0.1
2
±0.1
4
±0.1
R0.75
+0.1
0
Y−Y
Y
Unreeling direction
X−X


Similar Part No. - DF16A-50DS-0.5V

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
DF160 SIPOWER-DF160 Datasheet
267Kb / 2P
   Bridge Rectifier
DF160 SIPOWER-DF160 Datasheet
261Kb / 2P
   Bridge Rectifier
logo
Infineon Technologies A...
DF160R12W2H3F-B11 INFINEON-DF160R12W2H3F-B11 Datasheet
797Kb / 11P
   Al2O3 Substrate with Low Thermal Resistance
2013-11-11 revision:2.0
DF160R12W2H3F_B11 INFINEON-DF160R12W2H3F_B11 Datasheet
728Kb / 11P
   Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
logo
SHINMEI ELECTRIC CO., L...
DF1620E SHINMEI-DF1620E Datasheet
56Kb / 2P
   Flapper Solenoids DF1620E Series With Diode Protecting From Counter Electromotive Voltage,
More results

Similar Description - DF16A-50DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com