Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH16-60S-0.3SHW Datasheet(PDF) 7 Page - Hirose Electric

Part # FH16-60S-0.3SHW
Description  High Density FPC Connector (0.3mm/0.4mm/0.5mm Pitch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH16-60S-0.3SHW Datasheet(HTML) 7 Page - Hirose Electric

  FH16-60S-0.3SHW Datasheet HTML 1Page - Hirose Electric FH16-60S-0.3SHW Datasheet HTML 2Page - Hirose Electric FH16-60S-0.3SHW Datasheet HTML 3Page - Hirose Electric FH16-60S-0.3SHW Datasheet HTML 4Page - Hirose Electric FH16-60S-0.3SHW Datasheet HTML 5Page - Hirose Electric FH16-60S-0.3SHW Datasheet HTML 6Page - Hirose Electric FH16-60S-0.3SHW Datasheet HTML 7Page - Hirose Electric FH16-60S-0.3SHW Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
72
B
Recommended Temperature Profile
HRS test conditions
Solder method
:Reflow, IR/hot air
(Nihon Den-netsu Co., Ltd.’s
Part Number: SENSBY NR-2)
Environment
:Room air
Solder composition
:Paste, 63%Sn/37%Pb
(Senju Metal Industry, Co., Ltd.’s
Part Number: OZ63-201C-50-9)
Test board
:Glass epoxy 45mm∞80mm∞1.6mm thick
Land dimensions
:Contact Pitch 0.3mm, 0.4mm
0.3mm∞1.7mm
Contact Pitch 0.5mm
0.6mm∞1.7mm
Metal mask
:Contact Pitch 0.3mm, 0.4mm
0.25mm∞1.7mm∞0.15mm thick
Contact Pitch 0.5mm
0.5mm∞1.7mm∞0.15mm thick
This temperature profile is based on the above conditions.
In individual applications the actual temperature may vary,
depending on solder paste type, volume/thickness and board
size/thickness. Consult your solder paste and equipment
manufacturer for specific recommendations.
5 sec. max.
240ç
200ç
160ç
150ç
25ç
(30 sec.)
60
120
180
(20 to 30 sec.)
Soldering
250
200
150
100
50
0
Start
Time (sec.)
(60 sec.)
60 to 90 sec.
Preheating


Similar Part No. - FH16-60S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FH1 WJCI-FH1 Datasheet
753Kb / 7P
   High Dynamic Range FET
FH1 WJCI-FH1 Datasheet
301Kb / 7P
   High Dynamic Range FET
logo
GOOD-ARK Electronics
FH1 GOOD-ARK-FH1 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
Hirose Electric
FH1-05S-2.54DSA HIROSE-FH1-05S-2.54DSA Datasheet
66Kb / 4P
   2.54mm Pitch Miniature Connector for Flexible Board
FH1-08S-2.54DS HIROSE-FH1-08S-2.54DS Datasheet
66Kb / 4P
   2.54mm Pitch Miniature Connector for Flexible Board
More results

Similar Description - FH16-60S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
   0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
FF02S JAE-FF02S Datasheet
170Kb / 8P
   0.3mm Pitch Connector for FPC
FB10 JAE-FB10 Datasheet
180Kb / 6P
   0.3mm Pitch, 0.9mm Height FPC Connector
logo
DDK Ltd.
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
   0.3mm Pitch Solid Back Lock FPC Connector
logo
Newhaven Display Intern...
MOLEX52437-2272 NEWHAVEN-MOLEX52437-2272 Datasheet
193Kb / 12P
   the 0.5mm PITCH FPC CONNECTOR series
logo
Japan Aviation Electron...
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
   FB10S0 JAE 0.3mm PITCH FPC CONECTOR
logo
List of Unclassifed Man...
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
   FLT CONNECTOR 0.5mm pitch/Connectors for FPC
logo
FCI connector
59453-061110EDLF FCI-CONNECTOR-59453-061110EDLF Datasheet
120Kb / 2P
   PLASTIC TAPE PACKAGED 0.5mm PITCH FPC CONNECTOR
logo
Panasonic Semiconductor
AYF321515 PANASONIC-AYF321515 Datasheet
357Kb / 7P
   FPC connectors (0.3mm pitch) Front lock without FPC tabs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com