Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH1-08S-2.54DS Datasheet(PDF) 1 Page - Hirose Electric

Part # FH1-08S-2.54DS
Description  2.54mm Pitch Miniature Connector for Flexible Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH1-08S-2.54DS Datasheet(HTML) 1 Page - Hirose Electric

  FH1-08S-2.54DS Datasheet HTML 1Page - Hirose Electric FH1-08S-2.54DS Datasheet HTML 2Page - Hirose Electric FH1-08S-2.54DS Datasheet HTML 3Page - Hirose Electric FH1-08S-2.54DS Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D2
2.54mm Pitch Miniature Connector for Flexible Board
FH1 Series
sFeatures
1. 2.54mm FPC and FFC Connector
The contact pitch is 2.54mm.
2. Contact Reliability
This connector assures high contact reliability for high voltage
contact.
3. Eighteen Types of Contact Numbers
This connector consists of 18 kinds of 8, 9, 10, 11, 12, 13, 14,
15, 15, 17, 18, 19, 20, 21, 22, 27, and 29 contacts.
sProduct Specifications
Rating
Rated Current: 1A
Operating Temperature Range:_40~+85ç (Note 1) Storage Temperature Range:_10~+60ç (Note 2)
Rated Voltage: 200V AC
Operating Humidity Range:Relative humidity, 90% max. Storage Humidity Range: Relative humidity, 90% max.
(Not dewed)
(Not dewed)
Applicable FPC
t=0.13~0.3 Tin plating
Note 1. Temperature rise included when energized
Note 2. This storage indicates a long-term storage state for the unused product before board mounted.
The operating temperature and humidity ranges are applied to the non-energized state after the connector has been installed
in the board.
Note 3. The above standards represent this series. The individual formal agreement should be based on the "Specification".
sApplications
HDD, facsimiles, printers, VTR, etc.
Item
Specification
Condition
1. Insulation Resistance
5000Mø min.
Measured at 500V DC
2. Withstand voltage
Neither short or breakdown should occur.
500V AC for 1 minute
3. Contact Resistance
20mømax.
Measured at DC 1A
π FPC conductor resistance included
4. Mechanical operation
Contact resistance : 40mø max.
30 cycles
No part should be broken, cracked or loosened
5. Vibration
No part should be broken, cracked or loosened
Frequency: 10~55Hz and full amplitude 1.50mm in 3 directions for 2 hours, respectively
6. Shock
No part should be broken, cracked or loosened
Acceleration: 490m/S2, duration: 11ms, sine half-wave: in 3 directions for 3 times, respectively
7. Moisture Resistance in Steady State
Insulation resistance: 500Mø min.
Exposed to temperature 40ç and humidity 90~95% for 96 hours
5 cycles under conditions as follows;
8. Temperature Cycle
No part should be broken, cracked or loosened
Temperature: _55ç¡+5~+35¡85¡+5~+35ç
Time: 30¡10~15¡ 30~10~15 minutes
9.Resistance to Soldering heat
Neither appearance should be deformed nor contact remarkably loosened. Automatic soldering: 260çœ for 10 seconds


Similar Part No. - FH1-08S-2.54DS

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
FH1-G WJCI-FH1-G Datasheet
753Kb / 7P
   High Dynamic Range FET
FH1-G WJCI-FH1-G Datasheet
301Kb / 7P
   High Dynamic Range FET
logo
TriQuint Semiconductor
FH1-G TRIQUINT-FH1-G Datasheet
816Kb / 10P
   High Dynamic Range FET
FH1-G TRIQUINT-FH1-G_15 Datasheet
816Kb / 10P
   High Dynamic Range FET
More results

Similar Description - FH1-08S-2.54DS

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-1971567 TEC-C-1971567 Datasheet
263Kb / 2P
   MINIATURE HERMAPHRODITIC BOARD TO BOARD CONNECTOR
C-2213611 TEC-C-2213611 Datasheet
338Kb / 2P
   MINIATURE HERMAPHRODITIC BOARD TO BOARD CONNECTOR
logo
Hirose Electric
HIF3HA HIROSE-HIF3HA Datasheet
211Kb / 6P
   2.54mm Pitch Board to Board Connector
logo
Panasonic Semiconductor
R-F775 PANASONIC-R-F775 Datasheet
57Kb / 2P
   Flexible circuit board materials
logo
Hirose Electric
A3E-44PA-2DSA HIROSE-A3E-44PA-2DSA Datasheet
284Kb / 9P
   2mm Pitch Miniature Connector for HDD
A3E HIROSE-A3E Datasheet
221Kb / 9P
   2mm Pitch Miniature Connector for HDD
logo
First Components Intern...
950526-004 FCI-950526-004 Datasheet
729Kb / 4P
   Connector System for Flexible Circuitry (0.100in./2.54mm pitch) Maximum reliability; Low applied cos
logo
Samtec, Inc
DW-01-17-T-S-200 SAMTEC-DW-01-17-T-S-200 Datasheet
164Kb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
ZW-01-09-L-S-545-090 SAMTEC-ZW-01-09-L-S-545-090 Datasheet
164Kb / 1P
   FLEXIBLE .025 SQ BOARD STACKERS
ZW-05-13-G-S-370-430 SAMTEC-ZW-05-13-G-S-370-430 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com