Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF9-23S-1V Datasheet(PDF) 5 Page - Hirose Electric

Part # DF9-23S-1V
Description  1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF9-23S-1V Datasheet(HTML) 5 Page - Hirose Electric

  DF9-23S-1V Datasheet HTML 1Page - Hirose Electric DF9-23S-1V Datasheet HTML 2Page - Hirose Electric DF9-23S-1V Datasheet HTML 3Page - Hirose Electric DF9-23S-1V Datasheet HTML 4Page - Hirose Electric DF9-23S-1V Datasheet HTML 5Page - Hirose Electric DF9-23S-1V Datasheet HTML 6Page - Hirose Electric DF9-23S-1V Datasheet HTML 7Page - Hirose Electric DF9-23S-1V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A282
Part Number
CL No.
Unit: mm
DF9A-09P-1V (**)
DF9A-11P-1V (**)
DF9A-13P-1V (**)
DF9A-15P-1V (**)
DF9A-17P-1V (**)
DF9A-19P-1V (**)
DF9A-21P-1V (**)
DF9A-23P-1V (**)
DF9A-25P-1V (**)
DF9A-31P-1V (**)
DF9A-41P-1V (**)
DF9A-51P-1V (**)
540-0016-0-**
540-0017-3-**
540-0018-6-**
540-0019-9-**
540-0020-8-**
540-0021-0-**
540-0022-3-**
540-0023-6-**
540-0024-9-**
540-0025-1-**
540-0223-5-**
540-0026-4-**
09
11
13
15
17
19
21
23
25
31
41
51
08.3
09.3
10.3
11.3
12.3
13.3
14.3
15.3
16.3
19.3
24.3
29.3
03
04
05
06
07
08
09
10
11
14
19
24
04
05
06
07
08
09
10
11
12
15
20
25
07.1
08.1
09.1
10.1
11.1
12.1
13.1
14.1
15.1
18.1
23.1
28.1
_
_
_
_
_
_
_
_
_
_
_
_
59
52
47
43
39
36
34
32
30
24
20
16
K
K
K
K
K
K
K
K
K
K
K
_
_
K
_
K
_
_
_
_
K
K
K
K
K
K
K
K
_
K
K
_
K
K
K
_
_
_
K
K
K
_
K
_
K
K
_
K
Without metal fitting
With boss
With pick and place
tape for embossed
tape packaging.
Number of Contacts
A
B
C
D
E
Tube Package Quantity,
Pcs./pack
Spec
. (20)
Spec.
(54)
Spec.
(22)
Spec.
(59)
Remarks
[Specific No.] _ **, (**)
(20) : Tin plated, tube packaging
(54) : Gold plated, tube packaging
(22) : Tin plated, embossed tape packaging
(59) : Gold plated, embossed tape packaging
[Specific No.] _ **, (**)
(20) : Tin plated, tube packaging
(54) : Gold plated, tube packaging
(22) : Tin plated, embossed tape packaging
(59) : Gold plated, embossed tape packaging
sHeader
With boss
Without metal fitting
sHeader
Without boss
With metal fitting
Note 1 : Please order the tube packaging product by multiplying the packaging quantity ( pcs.).
Note 2 : Please order the emboss packaging product per reel. (1000 pcs. per reel)
Note 3 : _ are not available. Regarding blank, please contact Hirose sales representative.
Part Number
CL No.
Unit: mm
DF9B-09P-1V (**)
DF9B-11P-1V (**)
DF9B-13P-1V (**)
DF9B-15P-1V (**)
DF9B-17P-1V (**)
DF9B-19P-1V (**)
DF9B-21P-1V (**)
DF9B-23P-1V (**)
DF9B-25P-1V (**)
DF9B-31P-1V (**)
DF9B-41P-1V (**)
DF9B-51P-1V (**)
540-0134-7-**
540-0135-0-**
540-0136-2-**
540-0137-5-**
540-0138-8-**
540-0248-6-**
540-0140-0-**
540-0141-2-**
540-0142-5-**
540-0144-0-**
540-0221-0-**
540-0146-6-**
09
11
13
15
17
19
21
23
25
31
41
51
08.3
09.3
10.3
11.3
12.3
13.3
14.3
15.3
16.3
19.3
24.3
29.3
03
04
05
06
07
08
09
10
11
14
19
24
04
05
06
07
08
09
10
11
12
15
20
25
_
_
_
_
_
_
_
_
_
_
_
_
10.1
11.1
12.1
13.1
14.1
15.1
16.1
17.1
18.1
21.1
26.1
31.1
46
42
39
36
33
31
29
28
26
22
18
15
_
K
K
K
_
_
K
_
K
K
K
_
K
_
_
_
_
K
_
_
_
K
_
K
K
K
K
K
_
_
K
K
K
K
K
_
K
_
_
K
K
K
_
_
_
K
_
K
With metal fitting
Without boss
With pick and place
tape for embossed
tape packaging.
Number of Contacts
A
B
C
D
E
Tube Package Quantity,
Pcs./pack
Spec
. (20)
Spec.
(54)
Spec.
(22)
Spec.
(59)
Remarks
Note 1 : Please order the tube packaging product by multiplying the packaging quantity ( pcs.).
Note 2 : Please order the emboss packaging product per reel. (1000 pcs./reel)
Note 3 : _ are not available. Regarding blank, please contact Hirose sales representative.


Similar Part No. - DF9-23S-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9-23S-1V HIROSE-DF9-23S-1V Datasheet
239Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9-23S-1V HIROSE-DF9-23S-1V Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
More results

Similar Description - DF9-23S-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF9-15S-1V32 HIROSE-DF9-15S-1V32 Datasheet
239Kb / 8P
   1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1)
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF15 ETC1-DF15 Datasheet
366Kb / 11P
   0.65mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF151.830DS-0.65V56 HIROSE-DF151.830DS-0.65V56 Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com