Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1-3S-2.5R28 Datasheet(PDF) 7 Page - Hirose Electric

Part # DF1-3S-2.5R28
Description  2.5mm Pitch Connector for Discrete Wire Connection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1-3S-2.5R28 Datasheet(HTML) 7 Page - Hirose Electric

  DF1-3S-2.5R28 Datasheet HTML 1Page - Hirose Electric DF1-3S-2.5R28 Datasheet HTML 2Page - Hirose Electric DF1-3S-2.5R28 Datasheet HTML 3Page - Hirose Electric DF1-3S-2.5R28 Datasheet HTML 4Page - Hirose Electric DF1-3S-2.5R28 Datasheet HTML 5Page - Hirose Electric DF1-3S-2.5R28 Datasheet HTML 6Page - Hirose Electric DF1-3S-2.5R28 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
B152
Part Number
CL No.
Height
Width
Depth
Weight
DF1 Connection Press HP513
550-0134-4
200mm 260mm 250mm
3.7kg
Protector Type
Applicable Jacket Diameter
Recommended Cable
DF1-*A1.33
Ø1.35 to Ø1.45
UL1007 AWG24
DF1-*A1.05
Ø1.1 to Ø1.35
UL1007 AWG26, 28
Part Number
CL No.
DF1 Cable Crimper
550-0130-3
BDF1 Connection Press
BDF1 Cable Crimper
BPrecautions
1. Recommended Soldering Condition
Flow: 250ç for 3 seconds
Manual soldering: 290ç for 2 seconds
2. Cleaning Condition
Refer to Nylon Connector Use Hand book.
3. Connection Condition
[Crimping]
Refer to Nylon Connector Use Hand book.
[ID]
qFor the insulation displacement tool, set a set of connector per insulation displacement. If more
than 2 connectors have been set, they interrupt each other, which will cause an insulation
displacement failure.
qAfter the insulation displacement, make sure that the locks on both protector sides are
completely activated.
Note:The intermediate connection can be established by removing the
cable cuttingblade of this press machine.
Note:Select a protector after inspecting a cable Jacket diameter for use.
* indicates contact No.
Used to install the cable in the protector.
DF1 Connection Press HP513
DF1 Cable Crimper


Similar Part No. - DF1-3S-2.5R28

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1-3S-2.5R28(05) HIROSE-DF1-3S-2.5R28(05) Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
More results

Similar Description - DF1-3S-2.5R28

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1 HIROSE-DF1 Datasheet
197Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1-5A1.33 HIROSE-DF1-5A1.33 Datasheet
211Kb / 8P
   2.5mm Pitch Connector for Discrete Wire Connection
HNC2-2.5P-2DSL HIROSE-HNC2-2.5P-2DSL Datasheet
210Kb / 7P
   2.5mm Pitch Connector for Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS Datasheet
398Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E-02P-2.5DS HIROSE-DF1E-02P-2.5DS_1 Datasheet
308Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1EC-4P-2.5DSA HIROSE-DF1EC-4P-2.5DSA Datasheet
309Kb / 16P
   2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
DF1E HIROSE-DF1E Datasheet
369Kb / 14P
   2.5mm Pitch Connectors for Full Lock and Discrete Wire Connection
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-2S-2.5R HIROSE-DF1B-2S-2.5R Datasheet
544Kb / 17P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com