Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF25G-20S-0.5SD Datasheet(PDF) 9 Page - Hirose Electric

Part # DF25G-20S-0.5SD
Description  0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF25G-20S-0.5SD Datasheet(HTML) 9 Page - Hirose Electric

Back Button DF25G-20S-0.5SD Datasheet HTML 2Page - Hirose Electric DF25G-20S-0.5SD Datasheet HTML 3Page - Hirose Electric DF25G-20S-0.5SD Datasheet HTML 4Page - Hirose Electric DF25G-20S-0.5SD Datasheet HTML 5Page - Hirose Electric DF25G-20S-0.5SD Datasheet HTML 6Page - Hirose Electric DF25G-20S-0.5SD Datasheet HTML 7Page - Hirose Electric DF25G-20S-0.5SD Datasheet HTML 8Page - Hirose Electric DF25G-20S-0.5SD Datasheet HTML 9Page - Hirose Electric DF25G-20S-0.5SD Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
B Applicable tools
s Embossed Carrier Tape Dimensions
1
2
3
4
Wire forming
Piercing
Placing of bottom
shield cover (A)
Placing of top
shield cover (B)
Connector
Name of Process
(Manual)
DF25G-30S-0.5F/ID-MP
CL902-4532-8
DF25G-30S/CV-MP-A
CL902-4534-3
DF25G-30S/CV-MP-B
CL902-4533-0
(Manual)
DF25G-36S-0.5F/ID-MP
CL902-4526-5
DF25G-36S/CV-MP-A
CL902-4529-3
DF25G-36S/CV-MP-B
CL902-4538-4
Especially for FPC
For both FPC Plug and thin coaxial
cable Plug
For both FPC Plug and thin coaxial
cable Plug
DF25G-30S-0.5F
DF25G-30S-0.5SD/CU-MP
CL902-4530-2
DF25G-30S-0.5SD/CAID-MP
CL902-4531-5
DF25G-30S/CV-MP-A
CL902-4534-3
DF25G-30S/CV-MP-B
CL902-4533-0
DF25G-36S-0.5SD/CU-MP
CL902-4528-0
DF25G-36S-0.5SD/CAID-MP
CL902-4527-8
DF25G-36S/CV-MP-A
CL902-4529-3
DF25G-36S/CV-MP-B
CL902-4538-4
Especially for thin coaxial cable Plug
Especially for thin coaxial cable Plug
For both FPC and thin coaxial cable
Plug
For both FPC and thin coaxial cable
Plug
DF25G-30S-0.5F
DF25G-36S-0.5F
Remarks
DF25G-36S-0.5F
Remarks
Note 1: To assure that the part selection and termination procedures are correct Hirose Electric representative may be contacted at
any time.
Note 2: Only tools and fixtures recommended by Hirose Electric must be used. Use of any other tools or fixtures will void the product
warranty.
1
2
3
4
Trimming the extra
cable length
Wire forming and
piercing
Placing of bottom shield
cover (A)
Placing of top shield
cover (B)
Connector
Name of Process
Reel dimensions
D
+2
0
Ø13±0.2
2±0.5
Part number label
E MAX
t=0.3±0.05
Unreeling direction
4±0.1
2±0.1
12±0.1
Connector
DF25L-20P-0.5H(**)
DF25L-30P-0.5H(**)
DF25L-36P-0.5H(**)
Number of contacts
20
30
36
A
24
32
44
B
---------
28.4
40.4
C
D
11.5
14.2
20.2
24.2
32.4
44.4
D
30.4
38.4
50.4
Remarks
Offset type (0.7mm above the board)
Unite: mm


Similar Part No. - DF25G-20S-0.5SD

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DF252 DYNEX-DF252 Datasheet
58Kb / 8P
   Fast Recovery Diode
DF25206 DYNEX-DF25206 Datasheet
58Kb / 8P
   Fast Recovery Diode
DF25208 DYNEX-DF25208 Datasheet
58Kb / 8P
   Fast Recovery Diode
DF25210 DYNEX-DF25210 Datasheet
58Kb / 8P
   Fast Recovery Diode
DF25212 DYNEX-DF25212 Datasheet
58Kb / 8P
   Fast Recovery Diode
More results

Similar Description - DF25G-20S-0.5SD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Molex Electronics Ltd.
0250021004 MOLEX4-0250021004 Datasheet
174Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable
logo
Hirose Electric
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF49 HIROSE-DF49 Datasheet
1Mb / 11P
   0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com