Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF23C-14DP-0.5V Datasheet(PDF) 6 Page - Hirose Electric

Part # DF23C-14DP-0.5V
Description  0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF23C-14DP-0.5V Datasheet(HTML) 6 Page - Hirose Electric

  DF23C-14DP-0.5V Datasheet HTML 1Page - Hirose Electric DF23C-14DP-0.5V Datasheet HTML 2Page - Hirose Electric DF23C-14DP-0.5V Datasheet HTML 3Page - Hirose Electric DF23C-14DP-0.5V Datasheet HTML 4Page - Hirose Electric DF23C-14DP-0.5V Datasheet HTML 5Page - Hirose Electric DF23C-14DP-0.5V Datasheet HTML 6Page - Hirose Electric DF23C-14DP-0.5V Datasheet HTML 7Page - Hirose Electric DF23C-14DP-0.5V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
sPlugs
sReel Dimensions
(Note 1)
0.3±0.1
1.5±0.15
12±0.1
2±0.1
4±0.1
XX
Y
Y-Y
X-X
Unreeling direction
Y
0
G
+2
Ø13±0.2
Product name label
Depth of 1.5
diameter
2±0.5
H MAX
F
G
H
05.5
07.5
07.5
07.5
07.5
07.5
11.5
11.5
11.5
12.4
16.4
16.4
16.4
16.4
16.4
24.4
24.4
24.4
18.4
22.4
22.4
22.4
22.4
22.4
30.4
30.4
30.4
D
12.0
16.0
16.0
16.0
16.0
16.0
24.0
24.0
24.0
Product No.
DF23C-10DP-0.5V (
* * )
DF23C-14DP-0.5V (
* * )
DF23C-16DP-0.5V (
* * )
DF23C-18DP-0.5V (
* * )
DF23C-20DP-0.5V (
* * )
DF23C-30DP-0.5V (
* * )
DF23C-40DP-0.5V (
* * )
DF23C-50DP-0.5V (
* * )
DF23C-60DP-0.5V (
* * )
Unit: mm
Note : Code number (53) embossed tape is without the bottom surface protrusion.


Similar Part No. - DF23C-14DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF23C-14DP-0.5V HIROSE-DF23C-14DP-0.5V Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results

Similar Description - DF23C-14DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
SUYIN USA, INC.
500002FB SUYIN-USA-500002FB Datasheet
132Kb / 1P
   0.5mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com