Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF25G-30S-0.5F Datasheet(PDF) 11 Page - Hirose Electric

Part # DF25G-30S-0.5F
Description  0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF25G-30S-0.5F Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF25G-30S-0.5F Datasheet HTML 2Page - Hirose Electric DF25G-30S-0.5F Datasheet HTML 3Page - Hirose Electric DF25G-30S-0.5F Datasheet HTML 4Page - Hirose Electric DF25G-30S-0.5F Datasheet HTML 5Page - Hirose Electric DF25G-30S-0.5F Datasheet HTML 6Page - Hirose Electric DF25G-30S-0.5F Datasheet HTML 7Page - Hirose Electric DF25G-30S-0.5F Datasheet HTML 8Page - Hirose Electric DF25G-30S-0.5F Datasheet HTML 9Page - Hirose Electric DF25G-30S-0.5F Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 10 page
background image
11
B High Speed Transmission Characteristics (Typical data)
qReflection Characteristics (Differential TDR Method)
Standard impedance: 100 ohms
Signal rise time: 250 ps
Scale
Vertical axis: 100 m
ρ/div
Scale
Horizontal axis: 500 ps/div
qEye Pattern
Signal speed: 2 Gbps
Scale
Vertical axis: 100 mV/div
Scale
Horizontal axis: 75 ps/div
100m
ρ
/div
92 ohms
500ps/div
connector
100m
ρ
/div
90 ohms
500ps/div
Pcb
connector
Pcb
P.G.
Mated Conn.
Cable
L=100mm
RF Con(50 ohms)
RF Con(50 ohms)
V=0.5V
PCB
Oscillo.
DF25(Micro COAX)
DF25(Micro COAX)
Test Set-up
DF25(FPC)
DF25(FPC)


Similar Part No. - DF25G-30S-0.5F

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DF252 DYNEX-DF252 Datasheet
58Kb / 8P
   Fast Recovery Diode
DF25206 DYNEX-DF25206 Datasheet
58Kb / 8P
   Fast Recovery Diode
DF25208 DYNEX-DF25208 Datasheet
58Kb / 8P
   Fast Recovery Diode
DF25210 DYNEX-DF25210 Datasheet
58Kb / 8P
   Fast Recovery Diode
DF25212 DYNEX-DF25212 Datasheet
58Kb / 8P
   Fast Recovery Diode
More results

Similar Description - DF25G-30S-0.5F

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
logo
Molex Electronics Ltd.
0250021004 MOLEX4-0250021004 Datasheet
174Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable
logo
Hirose Electric
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF49 HIROSE-DF49 Datasheet
1Mb / 11P
   0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com