Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR660-5 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # SR660-5
Description  Single output 20W ~ 660W?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

SR660-5 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  SR660-5 Datasheet HTML 1Page - DENSEI-LAMBDA SR660-5 Datasheet HTML 2Page - DENSEI-LAMBDA SR660-5 Datasheet HTML 3Page - DENSEI-LAMBDA SR660-5 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
36
SR-SERIES
SR20
(Unit: mm)
SR35
(Unit: mm)
SR60
(Unit: mm)
(LEFT SIDE VIEW)
(BOTTOM VIEW)
(BOTTOM VIEW)
(LEFT SIDE VIEW)
(BOTTOM VIEW)
(LEFT SIDE VIEW)
(FRONT VIEW)
(FRONT VIEW)
(FRONT VIEW)
MAW-1202-22
GO!!
P134
Recommended Noise Filter
MAW-1203-22
GO!!
P134
Recommended Noise Filter
MAW-1201-22
GO!!
P134
Recommended Noise Filter


Similar Part No. - SR660-5

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR660 JINANJINGHENG-SR660 Datasheet
80Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Gaomi Xinghe Electronic...
SR660 GXELECTRONICS-SR660 Datasheet
332Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SR660 SAMYANG-SR660 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
SR660 SAMYANG-SR660 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
SR660 SAMYANG-SR660 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR660-5

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ODM20-SC ETA-USA-ODM20-SC Datasheet
1Mb / 4P
   20W DC/DC Single Output
logo
SL Power Electronics
ME20 SLPOWER-ME20_16 Datasheet
592Kb / 5P
   20W Single Output External Power
TE20 SLPOWER-TE20_16 Datasheet
743Kb / 5P
   15W-20W Single Output External Power
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
logo
SL Power Electronics
TE20 SLPOWER-TE20 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_12 Datasheet
771Kb / 2P
   20W Single Output Swithching Power supply
PLN-20 MEANWELL-PLN-20 Datasheet
183Kb / 3P
   20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20_11 Datasheet
186Kb / 3P
   20W Single Output LED Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com