Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DF18B-20DS-0.4V Datasheet(PDF) 2 Page - Hirose Electric

Part No. DF18B-20DS-0.4V
Description  0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

DF18B-20DS-0.4V Datasheet(HTML) 2 Page - Hirose Electric

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specifications
2
Rating
Current rating
Voltage rating
0.3A
30V AC
Operating temperature range
Operating humidity range
-35
oC to +85oC (Note 1)
40
oC to 80oC (Note 2)
Storage temperature range
Storage humidity range
-10
oC to +60oC (Note 2)
40
oC to 70oC (Note 2)
Item
1. Insulation resistance
2. Withstanding voltage
3. Contact resistance
4. Vibration
5. Humidity
6. Temperature cycle
7. Durability (insertion/ withdrawal)
8. Resistance to soldering heat
Specification
50 M ohms min.
No flashover or insulation breakdown.
60 m ohms max.
No electrical discontinuity of 1 ms or more.
Contact resistance: 60 m ohms max.
Insulation resistance: 25 M ohms min.
Contact resistance: 60 m ohms max.
Insulation resistance: 50 M ohms min.
Contact resistance: 60 m ohms max.
No deformation of any component.
No affect on contacts.
Conditions
100 V DC
100 V AC / one minute
1 mA AC, 20mv max., 1KHz
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours / 3 axis.
96 hours at temperature of 40 2
oC and humidity of 90 to 95%
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range
and Humidity range covers non-conducting condition of installed connectors in storage, shipment or during transportation.
+
-
Temperature: -55
oC--> +15oC to +35oC--> +85oC--> +15oC to +35oC
Duration: 30 --> 2 to 3 --> 30 --> 2 to 3 (Minutes)
5 cycles
50 cycles
Reflow: At the recommended temperature profile
Manual soldering: 300
oC for 3 seconds
Product
Receptacles
Plugs
Part
Insulator
Contacts
Metal fittings
Material
LCP
Copper alloy
Brass
Finish
Color: Black
Gold plated
Tin plated
Remarks
UL94V-0
---
---
Hold-down bracket type
Series name: DF18
Number of Contacts: 20, 30, 40,
50, 60, 70, 80, 100, 120
Contact pitch 0.4 mm
Connector type
DS: Double-row receptacle
DP: Double-row plug
Terminal type
V: SMT vertical mounting type
Packaging type
(51): Plug,embossed tape packaging
(2,000 pieces per reel)
(81): Receptacle,embossed tape packaging
(2,000 pieces per reel)
B: With metal hold-down, (receptacles only)
C: With added hold-down contacts
D: With added hold-down contacts,increased
Removal Force Type(receptacle only)
E: With added hold-down contacts,increased
Removal Force Type(receptacle only)
1
2
1
2
3
4
5
3
4
5
6
7
6
7
Materials
Ordering Information
Receptacles / Plugs


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn