Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DF18B-20DS-0.4V Datasheet(PDF) 6 Page - Hirose Electric

Part No. DF18B-20DS-0.4V
Description  0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

DF18B-20DS-0.4V Datasheet(HTML) 6 Page - Hirose Electric

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
E
E
E
E
F
F
F
F
(4.2)
(6)
4
0.1
2
0.1
P=12
0.1
Unreeling direction
21
0.8
Part number label
2
0.5
(K+6)MAX
K
+2
0
Embossed Carrier Tape Dimensions
Receptacles
Reel dimensions
Part Number
DF18B - 20DS-0.4V
DF18C - 20DS-0.4V
DF18B - 30DS-0.4V
DF18C - 30DS-0.4V
DF18B - 40DS-0.4V
DF18C - 40DS-0.4V
DF18B - 50DS-0.4V
DF18C - 50DS-0.4V
DF18B - 60DS-0.4V
DF18C - 60DS-0.4V
DF18B - 70DS-0.4V
DF18C - 70DS-0.4V
DF18B - 80DS-0.4V
DF18C - 80DS-0.4V
DF18B-100DS-0.4V
DF18C-100DS-0.4V
DF18B-120DS-0.4V
DF18C-120DS-0.4V
G
16.0
24.0
16.0
24.0
24.0
24.0
32.0
24.0
32.0
44.0
44.0
H
-
-
-
-
-
-
28.4
-
28.4
40.4
40.4
J
7.5
11.5
7.5
11.5
11.5
11.5
14.2
11.5
14.2
20.2
20.2
K
16.4
24.4
16.4
24.4
24.4
24.4
32.4
24.4
32.4
44.4
44.4
Note: Bottom side feed holes are added to embossed tape when G = 32.0 or greater.
6


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn