Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR330-9 Datasheet(PDF) 3 Page - DENSEI-LAMBDA

Part # SR330-9
Description  Single output 20W ~ 660W?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

SR330-9 Datasheet(HTML) 3 Page - DENSEI-LAMBDA

  SR330-9 Datasheet HTML 1Page - DENSEI-LAMBDA SR330-9 Datasheet HTML 2Page - DENSEI-LAMBDA SR330-9 Datasheet HTML 3Page - DENSEI-LAMBDA SR330-9 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
37
SR-SERIES
SR110
(Unit: mm)
SR230
(Unit: mm)
(LEFT SIDE VIEW)
(BOTTOM VIEW)
(TOPVIEW)
(LEFT SIDE VIEW)
(FRONT VIEW)
(FRONT VIEW)
MB1206
GO!!
P137
Recommended Noise Filter
MB1210
GO!!
P137
Recommended Noise Filter


Similar Part No. - SR330-9

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR330-3A-751-DO-27 DGNJDZ-SR330-3A-751-DO-27 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR330-3A-DO-27 DGNJDZ-SR330-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR330-3A-VF0-751-DO-27 DGNJDZ-SR330-3A-VF0-751-DO-27 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR330-T3 WTE-SR330-T3 Datasheet
47Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
SR330-T3 WTE-SR330-T3 Datasheet
60Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SR330-9

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ODM20-SC ETA-USA-ODM20-SC Datasheet
1Mb / 4P
   20W DC/DC Single Output
logo
SL Power Electronics
ME20 SLPOWER-ME20_16 Datasheet
592Kb / 5P
   20W Single Output External Power
TE20 SLPOWER-TE20_16 Datasheet
743Kb / 5P
   15W-20W Single Output External Power
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
   20W Single Output LED Power Supply
logo
SL Power Electronics
TE20 SLPOWER-TE20 Datasheet
728Kb / 4P
   15W-20W Single Output External Power
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20 Datasheet
144Kb / 2P
   20W Single Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_12 Datasheet
771Kb / 2P
   20W Single Output Swithching Power supply
PLN-20 MEANWELL-PLN-20 Datasheet
183Kb / 3P
   20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20_11 Datasheet
186Kb / 3P
   20W Single Output LED Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com