Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR23A-10SA-4E Datasheet(PDF) 2 Page - Hirose Electric

Part # CR23A-10SA-4E
Description  4mm Pitch Single Side Card Edge Connector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

CR23A-10SA-4E Datasheet(HTML) 2 Page - Hirose Electric

  CR23A-10SA-4E Datasheet HTML 1Page - Hirose Electric CR23A-10SA-4E Datasheet HTML 2Page - Hirose Electric CR23A-10SA-4E Datasheet HTML 3Page - Hirose Electric CR23A-10SA-4E Datasheet HTML 4Page - Hirose Electric CR23A-10SA-4E Datasheet HTML 5Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A3
sConnector Type
sContact Type
(1) Through hole
(2) Eyelet (E)
With mounting hole
Through hole
6,10,14,18,20,22 contacts
Eyelet (E)
Tin plated
Gold plated
Without mounting hole


Similar Part No. - CR23A-10SA-4E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CR2300SA LITTELFUSE-CR2300SA Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR2300SA ETC1-CR2300SA Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
logo
Littelfuse
CR2300SB LITTELFUSE-CR2300SB Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
List of Unclassifed Man...
CR2300SB ETC1-CR2300SB Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
logo
Littelfuse
CR2300SC LITTELFUSE-CR2300SC Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
More results

Similar Description - CR23A-10SA-4E

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
CR7E-12DB-3.96E HIROSE-CR7E-12DB-3.96E Datasheet
177Kb / 6P
   3.96mm and 4mm Pitch Card Edge Connector
logo
Kyocera Kinseki Corpota...
9296-400 KSS-9296-400 Datasheet
613Kb / 2P
   POKE-HOME: HORIZONTAL CONNECTOR 4MM PITCH
021022
logo
Bi technologies
24WR10KLFTR BITECH-24WR10KLFTR Datasheet
63Kb / 3P
   4mm Diameter Single Turn Cermet Trimming Potentiometer
logo
Amphenol Sine Systems C...
PL000727 ASS-PL000727 Datasheet
193Kb / 1P
   4MM, MALE RECPT, PANEL SIDE CONTACT HOUSING, PRM SERIES™
Rev. A1
logo
Micrel Semiconductor
MIC2199 MICREL-MIC2199_10 Datasheet
396Kb / 14P
   300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
TOCOSAMERICA, INC.
G43 TOCOS-G43 Datasheet
274Kb / 8P
   4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Micrel Semiconductor
MIC2198 MICREL-MIC2198 Datasheet
216Kb / 15P
   500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2198 MICREL-MIC2198_05 Datasheet
418Kb / 14P
   500kHz 4mm 횞 4mm Synchronous Buck Controller
MIC2199 MICREL-MIC2199 Datasheet
222Kb / 15P
   300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
TOCOSAMERICA, INC.
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
   4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com