Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DF12A-20DS-0.5V Datasheet(PDF) 3 Page - Hirose Electric

Part No. DF12A-20DS-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

DF12A-20DS-0.5V Datasheet(HTML) 3 Page - Hirose Electric

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
A299
[Specific No.] – **, (**)
(81): Gold plated embossed tape packaging
sReceptacle Without metal fitting
Part Number
CL No.
Number of Contacts
A
B
C
D
E
Remarks
DF12A (3.0)-20DS-0.5V (**)
537-0628-4-**
20
07.1
04.5
05.6
06.6
DF12A (3.0)-30DS-0.5V (**)
537-0630-6-**
30
09.6
07.0
08.1
09.1
DF12A (3.0)-32DS-0.5V (**)
537-0637-5-**
32
10.1
07.5
08.6
09.6
Without metal fitting
DF12A (3.0)-36DS-0.5V (**)
537-0631-9-**
36
11.1
08.5
09.6
10.6
2.2
With boss
DF12A (3.0)-40DS-0.5V (**)
537-0632-1-**
40
12.1
09.5
10.6
11.6
DF12A (3.0)-50DS-0.5V (**)
537-0634-7-**
50
14.6
12.0
13.1
14.1
DF12A (3.0)-60DS-0.5V (**)
537-0636-2-**
60
17.1
14.5
15.6
16.6
DF12C (3.0)-20DS-0.5V (**)
537-0688-6-**
20
07.1
04.5
05.6
––––
DF12C (3.0)-30DS-0.5V (**)
537-0690-8-**
30
09.6
07.0
08.1
––––
DF12C (3.0)-32DS-0.5V (**)
537-0697-7-**
32
10.1
07.5
08.6
––––
Without metal fitting
DF12C (3.0)-36DS-0.5V (**)
537-0691-0-**
36
11.1
08.5
09.6
––––
2.2
Without boss
DF12C (3.0)-40DS-0.5V (**)
537-0692-3-**
40
12.1
09.5
10.6
––––
DF12C (3.0)-50DS-0.5V (**)
537-0694-9-**
50
14.6
12.0
13.1
––––
DF12C (3.0)-60DS-0.5V (**)
537-0696-4-**
60
17.1
14.5
15.6
––––
Unit: mm
qProduct Height: 3mm Product
Part Number
CL No.
Number of Contacts
A
B
C
D
E
Remarks
DF12A-20DS-0.5V (**)
537-0078-5-**
20
07.1
04.5
05.6
06.6
DF12A-30DS-0.5V (**)
537-0080-7-**
30
09.6
07.0
08.1
09.1
DF12A-36DS-0.5V (**)
537-0081-0-**
36
11.1
08.5
09.6
10.6
2.7
Without metal fitting
DF12A-40DS-0.5V (**)
537-0082-2-**
40
12.1
09.5
10.6
11.6
With boss
DF12A-50DS-0.5V (**)
537-0084-8-**
50
14.6
12.0
13.1
14.1
DF12A-60DS-0.5V (**)
537-0086-3-**
60
17.1
14.5
15.6
16.6
DF12C-20DS-0.5V (**)
537-0203-5-**
20
07.1
04.5
05.6
––––
DF12C-30DS-0.5V (**)
537-0205-0-**
30
09.6
07.0
08.1
––––
DF12C-36DS-0.5V (**)
537-0206-3-**
36
11.1
08.5
09.6
––––
2.7
Without metal fitting
DF12C-40DS-0.5V (**)
537-0207-6-**
40
12.1
09.5
10.6
––––
Without boss
DF12C-50DS-0.5V (**)
537-0209-1-**
50
14.6
12.0
13.1
––––
DF12C-60DS-0.5V (**)
537-0211-3-**
60
17.1
14.5
15.6
––––
Unit: mm
qProduct Height: 3.5 to 5mm Product
Note 1: Please order the embossed tape packaging product per reel. (1000 pcs./reel)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn