Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DF7-1P-3.96DSA Datasheet(PDF) 2 Page - Hirose Electric

Part No. DF7-1P-3.96DSA
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

DF7-1P-3.96DSA Datasheet(HTML) 2 Page - Hirose Electric

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
sOrdering information
DF7 - **
Series name: DF7, DF7A, DF7E
Number of contacts: 1 to 5
Connector type
S: Socket
DS: Double-row socket
P: Header
DP: Double-row Header
EP: In-line plug
RS/P: Retainer
Contact pitch: 3.96mm(7.92 mm)
Type of housing: header
C: Crimp housing
DSA: Straight header
DS: Right-angle header
Blank: Retainer
1
2
3
4
5
Applicable Conductor
1618: AWG 16 to AWG 18
2022: AWG 20 to AWG 22
2426: AWG 24 to AWG 26
Packaging
SCF: Socket contacts / Reel
SC: Socket contacts / Bag
PCF: Plug contacts / Reel
PC: Plug contacts / Bag
6
7
1
6
SCF
7
DF7 - * S- 3.96 C
1
2
3
4
5
10. 10 A maximum Current
Connector can carry current of 10 A per contact with
#16 AWG conductor.Refer to page 3 for current
ratings for multi-position connectors using other
conductor sizes.
11. Color Variations
1 pos. is available in a standard 3 colors: natural,
blue, and red.
12. Supports Eyelets
1 pos. can be mounted to boards which have eyelets
attached.
sApplications
Office equipment, power supplies for industrial, medical
and instrumentation applications, variety of consumer
electronic and electrical applications.
Crimp Sockets
Header
Refer to page 4 for details.
qSingle row, straight type
qSingle row, right angle type
Refer to page 5 for details.
Refer to page 11 for details.
qDouble rows, straight type
qDouble row, right angle type
Refer to page 11 for details.
In-line plug
qPanel lock type
Shown with
terminated and installed contacts.
Refer to page 7 for details.
Shown with
terminated and installed contacts.
Refer to page 6 for details.
Retainer
(optional, order separately)
Refer to page 10 for details.
qSingle row
qDouble rows
Shown with terminated
and installed contacts.
Refer to page 8, 9 for details.
Shown with terminated
and installed contacts.
Refer to page 12 for details.
qSocket, Header
qContacts


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DF22-1S-7.92C7.92 mm Contact Pitch High-Current Connectors for Internal Power Supplies UL C-UL and TUV Listed 1 2 3 4 5 MoreHirose Electric
BFN20NPN Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN21PNP Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
MA18A-32DA-2DSEMA18 series is a 2mm pitch FFC socket connector developed for miniature HDD and main port connection 1 2 3 Hirose Electric
2N6671HIGH VOLTAGE NPN TYPES FOR OFF LINE POWER SUPPLIES AND OTHER HIGH VOLTAGE SWITCHING APPLICATIONS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BFN22NPN Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
A41-25-512For 5 VDC and ±12 VDC or ±15 VDC Regulated Power Supplies Requiring International Safety Certification 1 2 List of Unclassifed Manufacturers
MAX1578-MAX1579Complete Bias and White LED Power Supplies for Small TFT Displays 1 2 3 4 5 MoreMaxim Integrated Products
BF720NPN Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BFN23PNP Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage 1 2 3 4 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn