Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DF4-2P-2C Datasheet(PDF) 6 Page - Hirose Electric

Part No. DF4-2P-2C
Description  2mm Pitch Connector Directly Mounted on Board
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF4-2P-2C Datasheet(HTML) 6 Page - Hirose Electric

  DF4-2P-2C Datasheet HTML 1Page - Hirose Electric DF4-2P-2C Datasheet HTML 2Page - Hirose Electric DF4-2P-2C Datasheet HTML 3Page - Hirose Electric DF4-2P-2C Datasheet HTML 4Page - Hirose Electric DF4-2P-2C Datasheet HTML 5Page - Hirose Electric DF4-2P-2C Datasheet HTML 6Page - Hirose Electric DF4-2P-2C Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
B175
sStraight Type ID Plug
qApplicable Through-hole Diameter : Ø0.8
+0
+0.1
Note 1. The plug, which has the mark at the designated position, is for AWG26.
Note 2. The cleaning by heat and trichloroethylene can't be implemented.
Photo: Contact insertion state.
qApplicable Cable (Tin plating Annealed copper wire)
qAWG26
Part Number
Applicable Cable
Jacket Diameter
DF4-*P-2R26
UL1061 AWG26 (7/0.16)
Ø0.9 to 1mm
DF4-*P-2R28
UL1061 AWG28 (7/0.127)
Ø0.9 to 1mm
[Specific No.] – **, (**)
Blank: Tin plating, 1 pack: 100pcs.
Unit:mm
CL No.
Part Number
544-0050-4-**
544-0051-7-**
544-0052-0-**
544-0053-2-**
544-0054-5-**
544-0055-8-**
544-0056-0-**
544-0057-3-**
544-0058-6-**
544-0059-9-**
544-0060-8-**
544-0061-0-**
544-0062-3-**
544-0063-6-**
DF4-02P-2R26 (**)
DF4-03P-2R26 (**)
DF4-04P-2R26 (**)
DF4-05P-2R26 (**)
DF4-06P-2R26 (**)
DF4-07P-2R26 (**)
DF4-08P-2R26 (**)
DF4-09P-2R26 (**)
DF4-10P-2R26 (**)
DF4-11P-2R26 (**)
DF4-12P-2R26 (**)
DF4-13P-2R26 (**)
DF4-14P-2R26 (**)
DF4-15P-2R26 (**)
Number of Contacts
02
03
04
05
06
07
08
09
10
11
12
13
14
15
A
B
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
qAWG28
Unit:mm
CL No.
Part Number
544-0064-9-**
544-0065-1-**
544-0066-4-**
544-0067-7-**
544-0068-0-**
544-0069-2-**
544-0070-1-**
544-0071-4-**
544-0072-7-**
544-0073-0-**
544-0074-2-**
544-0075-5-**
544-0076-8-**
544-0077-0-**
DF4- 2P-2R28 (**)
DF4- 3P-2R28 (**)
DF4- 4P-2R28 (**)
DF4- 5P-2R28 (**)
DF4- 6P-2R28 (**)
DF4- 7P-2R28 (**)
DF4- 8P-2R28 (**)
DF4- 9P-2R28 (**)
DF4-10P-2R28 (**)
DF4-11P-2R28 (**)
DF4-12P-2R28 (**)
DF4-13P-2R28 (**)
DF4-14P-2R28 (**)
DF4-15P-2R28 (**)
Number of Contacts
02
03
04
05
06
07
08
09
10
11
12
13
14
15
A
B
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
Note : A packaging quantity is delivered in the bag unit (100 pcs.). If needed, please order the product per bag.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn