Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKWT4-3-224 Datasheet(PDF) 3 Page - Lumberg

Part # RKWT4-3-224
Description  Anschlussleitungen fur Aktoren Sensoren und Verteiler Cordsets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

RKWT4-3-224 Datasheet(HTML) 3 Page - Lumberg

  RKWT4-3-224 Datasheet HTML 1Page - Lumberg RKWT4-3-224 Datasheet HTML 2Page - Lumberg RKWT4-3-224 Datasheet HTML 3Page - Lumberg RKWT4-3-224 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2.48
Connectors and Components for Industrial Automation / Micro (M12) Single Ended Cordsets
Lumberg, Inc. / 14121 Justice Road, Midlothian, VA 23113 / Tel. (804) 379-2010 / Fax (804) 379-3232
Micro (M12), Single Ended Cordset, Female and Male Straight, 3-,
4-, 5-, 6-, 8-, and 12-pole, 24, 22 and 20 AWG, Halogen Free
Lumflex black PUR cable, EURO DC Color Code, IP 67 and NEMA
6P rated.
Micro (M12) Female / Male
Micro (M12) Female
Pin Assignment
RKT / RST
3-, 4-, 5- 6- and 12-Pole
Micro (M12), Single Ended Cordset, Right Angle Female and Male,
3-, 4-, 5-, 6-, 8-, and 12-pole, 24, 22 and 20 AWG, Halogen-Free
Lumflex black PUR cable, EURO DC Color Code, IP 67 and NEMA
6P rated.
RKWT / RSWT
3-, 4-, 5- 6- and 12-Pole
1 = brown
2 = n.c.
3 = blue
4 = black
1 = brown
2 = white
3 = blue
4 = black
1 = brown
2 = white
3 = blue
4 = black
5 = green/yellow
1 = white
2 = brown
3 = green
4 = yellow
5 = grey
6 = pink
7 = blue
8 = shield
1 = white
2 = green
3 = yellow
4 = grey
5 = brown
6 = n.c.
7 = blue
8 = n.c.
1 = brown
2 = blue
3 = white
4 = green
5 = pink
6 = yellow
7 = black
8 = grey
9 = red
10= violet
11= grey/pink
12= red/blue


Similar Part No. - RKWT4-3-224

ManufacturerPart #DatasheetDescription
logo
Lumberg
RKWT4-633-5M LUMBERG-RKWT4-633-5M Datasheet
2Mb / 2P
   M12-Round-Plug Connector, Single-Ended Cordsets, According to IEC 61076-2-101
More results

Similar Description - RKWT4-3-224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS8250 ETC2-SS8250 Datasheet
222Kb / 6P
   Zentrum fur Lot- und Entlotsysteme
A301D ETC1-A301D Datasheet
114Kb / 3P
   Nicht fur Neuentwicklungen
logo
Tyco Electronics
C-1534611 MACOM-C-1534611 Datasheet
120Kb / 1P
   T-DISTRIBUTOR INMOLDED T-VERTEILER UMSPRITZT
logo
List of Unclassifed Man...
TDA1035 ETC-TDA1035 Datasheet
432Kb / 3P
   Tonkanaischaltung fur Fernsehempfanger
logo
Vishay Telefunken
RFG3 TFUNK-RFG3 Datasheet
66Kb / 3P
   EINWEGGLEICHRICHTER FUR KATHODENSTRAHIROHREN
logo
ERNI Electronics
394862 ERNI-394862 Datasheet
26Kb / 1P
   M12 Gehauseteil fur Messerl
logo
OSRAM GmbH
SFH5410 OSRAM-SFH5410 Datasheet
75Kb / 8P
   IR-Empfanger fur Fernbedienungen
logo
Tyco Electronics
929975 MACOM-929975 Datasheet
93Kb / 1P
   2.5MM KONTAKTBUCHSE FUR EINZELDICHTUNG
logo
List of Unclassifed Man...
FY80 ETC2-FY80 Datasheet
73Kb / 2P
   VEB WERK FUR FERNMELDEWESEN
logo
Wurth Elektronik GmbH &...
749013021 WURTH-749013021 Datasheet
184Kb / 3P
   Spezifikation fur Freigabe specification for release
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com