Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF1B-4S-2.5R Datasheet(PDF) 7 Page - Hirose Electric

Part # DF1B-4S-2.5R
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-4S-2.5R Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF1B-4S-2.5R Datasheet HTML 3Page - Hirose Electric DF1B-4S-2.5R Datasheet HTML 4Page - Hirose Electric DF1B-4S-2.5R Datasheet HTML 5Page - Hirose Electric DF1B-4S-2.5R Datasheet HTML 6Page - Hirose Electric DF1B-4S-2.5R Datasheet HTML 7Page - Hirose Electric DF1B-4S-2.5R Datasheet HTML 8Page - Hirose Electric DF1B-4S-2.5R Datasheet HTML 9Page - Hirose Electric DF1B-4S-2.5R Datasheet HTML 10Page - Hirose Electric DF1B-4S-2.5R Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
B159
Unit: mm
s Single Row Straight Pin Header for Potting
[Specific No.] –* *, (* *)
Blank: Tin plated
(20) : Tin plated, tube packaging
K Board Positioning Boss Hole Diameter:Ø1.1+0+0.1
K Board Through-hole Diameter:Ø1.1+0+0.1
B Tube Size
B
Applicable Potting Thickness : 6mm
Potting status
Part Number
CL No.
DF1BD- 2P-2.5DSA(**)
DF1BD- 3P-2.5DSA(**)
DF1BD- 4P-2.5DSA(**)
DF1BD- 5P-2.5DSA(**)
DF1BD- 6P-2.5DSA(**)
DF1BD- 7P-2.5DSA(**)
DF1BD- 8P-2.5DSA(**)
DF1BD- 9P-2.5DSA(**)
DF1BD-10P-2.5DSA(**)
541-0800-3-**
541-0801-6-**
541-0802-9-**
541-0803-1-**
541-0804-4-**
541-0805-7-**
541-0806-0-**
541-0807-2-**
541-0808-5-**
2
3
4
5
6
7
8
9
10
2.5
5
7.5
10
12.5
15
17.5
20
22.5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
64pieces
48
38
32
27
24
21
19
17
Number of Contacts
A
B
Tube Package Quantity
Note 1.A packaging quantity is delivered by the bag unit (100 pcs.). If needed, please order the product per pack.
Note 2.Please order the tube packaging products, multiplying the packaging quantity (pieces).
Note 3.The 2 and 3 contact connector contains the concave portion to prevent miss-insertion in the center at one point, which is
different from the above figure.In addition, the 4 to 7 contacts connectors have two concave portions at both ends.


Similar Part No. - DF1B-4S-2.5R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-4S-2.5R HIROSE-DF1B-4S-2.5R Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-4S-2.5R MURATA-DF1B-4S-2.5R Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B-4S-2.5R HIROSE-DF1B-4S-2.5R Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
More results

Similar Description - DF1B-4S-2.5R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF1B-2S2.5RC HIROSE-DF1B-2S2.5RC Datasheet
411Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Murata Manufacturing Co...
DF1B-34DEP-2.5RC MURATA-DF1B-34DEP-2.5RC Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
logo
Hirose Electric
DF1B HIROSE-DF1B Datasheet
386Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF1B-3P-2.5DS HIROSE-DF1B-3P-2.5DS Datasheet
364Kb / 19P
   2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2428SC HIROSE-DF3-2428SC Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3 HIROSE-DF3 Datasheet
683Kb / 14P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26 Datasheet
417Kb / 12P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
DF3Z-3P-2V20 HIROSE-DF3Z-3P-2V20 Datasheet
329Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
logo
List of Unclassifed Man...
DF3Z-5P-2V ETC2-DF3Z-5P-2V Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com