Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10030 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10030
Description  10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10030 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC10030 Datasheet HTML 7Page - National Semiconductor (TI) ADC10030 Datasheet HTML 8Page - National Semiconductor (TI) ADC10030 Datasheet HTML 9Page - National Semiconductor (TI) ADC10030 Datasheet HTML 10Page - National Semiconductor (TI) ADC10030 Datasheet HTML 11Page - National Semiconductor (TI) ADC10030 Datasheet HTML 12Page - National Semiconductor (TI) ADC10030 Datasheet HTML 13Page - National Semiconductor (TI) ADC10030 Datasheet HTML 14Page - National Semiconductor (TI) ADC10030 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Timing Diagram (Continued)
Functional Description
The ADC10030 maintains excellent dynamic performance
for input signals up to and exceeding half the clock fre-
quency. The use of an internal sample-and-hold amplifier
(SHA) enables sustained dynamic performance for signals of
input frequency beyond the clock rate, lowers the converter’s
input capacitance and reduces the number of external com-
ponents required.
The analog signal at V
IN that is within the voltage range set
by V
REF+ S and VREF− S are digitized to ten bits at up to
30 MSPS. Input voltages below V
REF− S will cause the out-
put word to consist of all zeroes. Input voltages above
V
REF+ S will cause the output word to consist of all ones.
V
REF+ S has a range of 2.6V to 3.8V, while VREF− S has a
range of 1.7V to 2.8V. V
REF+ S should always be at least
1.0V more positive than V
REF−S.
Data is acquired at the falling edge of the clock and the digi-
tal equivalent of that data is available at the digital outputs
2.0 clock cycles plus t
OD later. The ADC10030 will convert as
long as the clock signal is present at pin 9 and the PD pin is
low. The Output Enable pin (OE), when low, enables the out-
put pins. The digital outputs are in the high impedance state
when the OE pin or the PD pin is high.
Applications Information
1.0 THE ANALOG INPUT
The analog input of the ADC10030 is a switch (transmission
gate) followed by a switched capacitor amplifier. The capaci-
tance seen at the input changes with the clock level, appear-
ing as about 3 pF when the clock is low, and about 5 pF
when the clock is high. This small change in capacitance can
be reasonably assumed to be a fixed capacitance. Care
should be taken to avoid driving the input beyond the supply
rails, even momentarily, as during power-up.
The CLC409 has been found to be a good device to drive the
ADC10030 because of its wide bandwidth, low distortion and
minimal Differential Gain and Differential Phase. The
CLC409 performs best with a feedback resistor of about
100
Ω.
Care should be taken to keep digital noise out of the analog
input circuitry to maintain highest noise performance.
2.0 REFERENCE INPUTS
Note: Throughout this data sheet reference is made to VREF+ and to VREF−.
These refer to the internal voltage across the reference ladder and are,
nominally, VREF+ S and VREF− S, respectively.
Figure 4 shows a simple reference biasing scheme with
minimal components. While this circuit might suffice for
some applications, it does suffer from thermal drift because
the external will have a different temperature coefficient than
the on-chip resistors. Also, the on-chip resistors, while well
matched to each other, will have a large tolerance compared
with any external resistors, causing the value of V
REF+ and
V
REF− to be somewhat variable.
The V
REF+ F and VREF− F pins should each be bypassed to
AGND with 10 µF tantalum or electrolytic capacitors and
0.1 µF ceramic capacitors.
The circuit of
Figure 5 is an improvement over the circuit of
Figure 4 in that the positive end of the reference ladder is de-
fined with a reference voltage. This reduces problems of
high reference variability and thermal drift.
In addition to the usual V
REF+F and VREF−F reference in-
puts, the ADC10030 has two sense outputs for precision
control of the ladder voltages. These sense outputs (V
REF+
S and V
REF− S) compensate for errors due to IR drops be-
tween the source of the reference voltages and the ends of
the reference ladder itself.
With the addition of two op-amps, the voltages at the top and
bottom of the reference ladder can be forced to the exact
value desired, as shown in
Figure 6.
DS101064-17
FIGURE 2. AC Test Circuit
DS101064-16
FIGURE 3. t
EN,tDIS Test Circuit
www.national.com
11


Similar Part No. - ADC10030

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1003S030 NXP-ADC1003S030 Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1003S030 IDT-ADC1003S030 Datasheet
481Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
logo
Renesas Technology Corp
ADC1003S030 RENESAS-ADC1003S030 Datasheet
485Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
logo
NXP Semiconductors
ADC1003S030TS NXP-ADC1003S030TS Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1003S030TS IDT-ADC1003S030TS Datasheet
481Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
More results

Similar Description - ADC10030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC10221 NSC-ADC10221 Datasheet
414Kb / 16P
   10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_15 Datasheet
1Mb / 28P
[Old version datasheet]   10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com