Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10030 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10030
Description  10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10030 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC10030 Datasheet HTML 1Page - National Semiconductor (TI) ADC10030 Datasheet HTML 2Page - National Semiconductor (TI) ADC10030 Datasheet HTML 3Page - National Semiconductor (TI) ADC10030 Datasheet HTML 4Page - National Semiconductor (TI) ADC10030 Datasheet HTML 5Page - National Semiconductor (TI) ADC10030 Datasheet HTML 6Page - National Semiconductor (TI) ADC10030 Datasheet HTML 7Page - National Semiconductor (TI) ADC10030 Datasheet HTML 8Page - National Semiconductor (TI) ADC10030 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage (V = V
A = VD)
6.5V
Voltage on Any Pin
−0.3V to (V
A or VD +0.3V)
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Package Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
1500V
Machine Model
200V
Soldering Temp., Infrared, 10 sec. (Note 6)
300˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A ≤ +85˚C
V
A, VD Supply Voltage
+4.75V to +5.5V
V
D I/O Supply Voltage
+2.7V to 5.5V
V
IN Voltage Range
1.7V to (V
A−1.2V)
V
REF+ Voltage Range
2.6V to (V
A−1.2V)
V
REF− Voltage Range
1.7V to 2.8V
PD, CLK, OE Voltage Range
−0.3V to +5.5V
Converter Electrical Characteristics
The following specifications apply for V
A = +5.0VDC,VD = 5.0VDC,VD I/O = +5.0VDC,VREF+ = +3.5VDC,VREF− = +1.75VDC,
C
L = 20 pF, fCLK = 27 MHz, RS = 50Ω. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25˚C (Note 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
Static Converter Characteristics
INL
Integral Non-Linearity
±0.45
±1.0
LSB(max)
DNL
Differential-Non-Linearity
±0.40
±0.95
LSB(max)
Resolution with No Missing
Codes
10
Bits
Zero Scale Offset Error
−4
mV
Full-Scale Offset Error
+3
mV
Dynamic Converter Characteristics
ENOB
Effective Number of Bits
f
IN = 1.0 MHz
9.6
8.6
Bits
f
IN = 4.43 MHz
9.4
Bits
f
IN = 13.5 MHz
9.4
Bits
f
IN = 4.43 MHz, fCLK = 30 MHz
9.3
Bits
f
IN = 15.0 MHz, fCLK = 30 MHz
9.1
Bits
S/(N+D)
Signal-to-Noise Plus
Distortion Ratio
f
IN = 1.0 MHz
60
53.5
dB
f
IN = 4.43 MHz
59
dB
f
IN = 13.5 MHz
58
dB
f
IN = 4.43 MHz, fCLK = 30 MHz
58
dB
f
IN = 15.0 MHz, fCLK = 30 MHz
57
dB
SNR
Signal-to-Noise Ratio
f
IN = 1.0 MHz
60
54
dB
f
IN = 4.43 MHz
59
dB
f
IN = 13.5 MHz
59
dB
f
IN = 4.43 MHz, fCLK = 30 MHz
59
dB
f
IN = 15.0 MHz, fCLK = 30 MHz
58
dB
THD
Total Harmonic Distortion
f
IN = 1.0 MHz
−72
−61
dB
f
IN = 4.43 MHz
−69
dB
f
IN = 13.5 MHz
−66
dB
f
IN = 4.43 MHz, fCLK = 30 MHz
−64
dB
f
IN = 15.0 MHz, fCLK = 30 MHz
−61
dB
SFDR
Spurious Free Dynamic
Range
f
IN = 1.0 MHz
73
dB
f
IN = 4.43 MHz
71
dB
f
IN = 13.5 MHz
68
dB
f
IN = 4.43 MHz, fCLK = 30 MHz
66
dB
f
IN = 15.0 MHz, fCLK = 30 MHz
62
dB
Overrange Output Code
V
IN > VREF+
1023
www.national.com
5


Similar Part No. - ADC10030

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1003S030 NXP-ADC1003S030 Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1003S030 IDT-ADC1003S030 Datasheet
481Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
logo
Renesas Technology Corp
ADC1003S030 RENESAS-ADC1003S030 Datasheet
485Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
logo
NXP Semiconductors
ADC1003S030TS NXP-ADC1003S030TS Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1003S030TS IDT-ADC1003S030TS Datasheet
481Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
More results

Similar Description - ADC10030

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC10221 NSC-ADC10221 Datasheet
414Kb / 16P
   10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_14 Datasheet
1Mb / 30P
[Old version datasheet]   ADC12010 12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_15 Datasheet
1Mb / 28P
[Old version datasheet]   10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com