Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-102 Datasheet(PDF) 2 Page - Hirose Electric

Part # AT-102
Description  Fixed Attenuators (SMA Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

AT-102 Datasheet(HTML) 2 Page - Hirose Electric

  AT-102 Datasheet HTML 1Page - Hirose Electric AT-102 Datasheet HTML 2Page - Hirose Electric AT-102 Datasheet HTML 3Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
79
sSpecifications
AT-100-(0)
AT-100-(0.5)
AT-101
AT-100-(1.5)
AT-102
AT-100-(2.5)
AT-103
AT-100-(3.5)
AT-104
AT-105
AT-106
AT-107
AT-108
AT-109
AT-110
AT-112
AT-113
AT-114
AT-115
AT-120
AT-203
AT-206
AT-210
AT-220
AT-303
AT-306
AT-310
AT-320
AT-126
AT-130
0000
0.5
±0.5
0.1
±0.5
1.5
±0.5
0.2
±0.5
2.5
±0.5
0.3
±0.5
3.5
±0.5
0.4
±0.5
0.5
±0.7
0.6
±0.7
0.7
±0.7
0.8
±0.7
0.9
±1.0
10
±1.0
12
±1.0
13
±1.0
14
±1.2
15
±1.2
20
±1.2
0.3
±0.5
0.6
±0.7
10
±1.0
20
±1.2
0.3
±0.5
0.6
±0.7
10
±1.0
20
±1.2
26
±1.0
30
±1.2
1.15
1.15
1.20
1.20
1
1
HRM-J • P
HRM-J • P
8
8
0000
0.5000
1
±1.00
1.5
±1.00
2
±1.00
2.5
±1.00
3
±1.00
3.5
±1.00
4
±1.00
5
±1.20
6
±1.20
7
±1.20
8
±1.20
9
±1.25
10
±1.25
12
±1.25
13
±1.25
14
±1.30
15
±1.30
20
±1.30
3
±1.00
6
±1.20
10
±1.25
20
±1.30
3
±1.00
6
±1.20
10
±1.250
20
±1.30
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.15
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1.30
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-J • P
HRM-P • P
HRM-P • P
HRM-P • P
HRM-P • P
HRM-J • J
HRM-J • J
HRM-J • J
HRM-J • J
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
9
9
9
9
7
7
7
7
Part Number
Attenuation
(dB)
Power
(W)
Connectors
Weight
(g)
DC~12.4GHz 12.4~18GHz DC~4GHz
4~12.4GHz 2.4~18GHz
V.S.W.R.(Max)
+0.5
0
+1.0
0
+1.0
_0.5
Part Number
Attenuation
(dB)
V.S.W.R.(Max)
Power
(W)
Connectors
Weight
(g)
DC~8GHz
DC~4GHz
4~8GHz


Similar Part No. - AT-102

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-1020 HIROSE-AT-1020 Datasheet
48Kb / 2P
   High Power Fixed Attenuators (Radiator built-in)
More results

Similar Description - AT-102

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-1903 HIROSE-AT-1903 Datasheet
41Kb / 2P
   Fixed Attenuators - 2W power (SMA type)
HRFC-AT11K-A01 HIROSE-HRFC-AT11K-A01 Datasheet
77Kb / 3P
   FC Type Fixed Attenuators
HSC-AT11K-A00 HIROSE-HSC-AT11K-A00 Datasheet
226Kb / 5P
   SC Type Fixed Attenuators
HSC-AT11CS-A01 HIROSE-HSC-AT11CS-A01 Datasheet
163Kb / 2P
   SC-Type Optical Fixed Attenuators
AT-2600 HIROSE-AT-2600 Datasheet
125Kb / 1P
   Waterproof Fixed Attenuators (N Type)
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com