Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13745-21 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY13745-21
Description  RX Diversity FEM with Carrier Aggregation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13745-21 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY13745-21 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13745-21 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203874A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • February 12, 2016
1
PRODUCT SUMMARY
SKY13745-21: RX Diversity FEM with Carrier Aggregation
(B26, B8, B20, B1/4, B3, and B7)
Applications
 Antenna cable loss compensation circuit for LTE data antenna
 3G/4G multimode cellular tablets and handsets (LTE, UMTS,
CDMA2000, EDGE, and GSM)
 Carrier aggregation (LB/MB/HB)
 Embedded data cards
Features
 RX diversity FEM with six selectable filters and LNA paths, and
three Aux paths
 Integrated SAW filter and discrete LNA gain stage
 SAW filters:
 B26 (859 to 894 MHz)
 B8 (925 to 960 MHz)
 B20 (791 to 821 MHz)
 B1/4 (2110 to 2170 MHz)
 B3 (1805 to 1880 MHz)
 B7 (2620 to 2690 MHz)
 Integrated MIPI interface
 Small (3  5  0.7 mm) 29-lead MCM package
(MSL3, 260 °C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to
Skyworks
Definition of GreenTM, document number
SQ04–0074.
B7
AUXMB_IN2
MIPI
OUT_RXHB
B3
AUXHB_IN1
AUX_LB1
OUT_RXLB
B8
B20
B26
SP5T
OUT_RXMB1
ANT LB
ANT MB
AUX_LB2
B8
B20
B26
SP2T
SP3T
B7
B3
B1
SP4T
SP2T
SP3T
OUT_RXMB2
Y2707
AUXMB_IN1
B1
SP2T
AUXHB_IN2
ANT HB
Figure 1. SKY13745-21 Block Diagram
Description
The SKY13745-21 is an LNA diversity module to be used in a
cellular mobile device. It supports cellular diversity receiver and
localization service receiver functions.
It is compatible with 3GPP GSM, WCDMA, and LTE standards and
supports the following service bands: B26, B8, B20, B1/4, B3,
and B7 for the cellular part.
The SKY13745-21 is packaged in a small 3
 5  0.7 mm,
29-lead surface-mount package. The part is controlled by an
integrated Mobile Industry Processor Interface (MIPI) decoder.
There are separate control registers for independent control of
low band, middle band, and high band. The part can operate over
the temperature range of –30
C to +85 C.
A functional block diagram is shown in Figure 1.


Similar Part No. - SKY13745-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13740 SKYWORKS-SKY13740 Datasheet
197Kb / 2P
   Low insertion loss thru path
SKY13741 SKYWORKS-SKY13741 Datasheet
161Kb / 2P
   Integrated SAW filter and discrete LNA gain stage
SKY13744-11 SKYWORKS-SKY13744-11 Datasheet
199Kb / 2P
   RX Diversity FEM with Carrier Aggregation
SKY13744 SKYWORKS-SKY13744_11 Datasheet
199Kb / 2P
   Integrated SAW filter and discrete LNA gain stage
SKY13746-21 SKYWORKS-SKY13746-21 Datasheet
200Kb / 2P
   RX Diversity FEM with Carrier Aggregation
More results

Similar Description - SKY13745-21

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13746-21 SKYWORKS-SKY13746-21 Datasheet
200Kb / 2P
   RX Diversity FEM with Carrier Aggregation
SKY13744-11 SKYWORKS-SKY13744-11 Datasheet
199Kb / 2P
   RX Diversity FEM with Carrier Aggregation
SKY13713 SKYWORKS-SKY13713 Datasheet
201Kb / 2P
   RX Diversity FEM with Gain
logo
Infineon Technologies A...
BGSX210MA18 INFINEON-BGSX210MA18 Datasheet
742Kb / 17P
   DP10T Diversity Cross Switch for Carrier Aggregation
Revision 3.1 - 2016-11-03
BGSX28MA18 INFINEON-BGSX28MA18 Datasheet
739Kb / 17P
   DP8T Diversity Cross Switch for Carrier Aggregation
Revision 3.1 - 2016-11-03
BGSX212MA18 INFINEON-BGSX212MA18 Datasheet
745Kb / 17P
   DP12T Diversity Cross Switch for Carrier Aggregation
Revision 3.1 - 2016-11-03
logo
MRV Communications, Inc...
9244-1210G MRV-9244-1210G Datasheet
2Mb / 4P
   CARRIER-ETHERNET PACKET-OPTICAL AGGREGATION
9124-410G MRV-9124-410G Datasheet
2Mb / 4P
   CARRIER-ETHERNET PACKET-OPTICAL AGGREGATION
logo
Skyworks Solutions Inc.
SKY13713-21 SKYWORKS-SKY13713-21 Datasheet
499Kb / 12P
   RX Diversity FEM with Gain (B29, B26, B8, B20, B12/13, B28A and B28B)
logo
TriQuint Semiconductor
TQQ2504 TRIQUINT-TQQ2504_15 Datasheet
241Kb / 1P
   Band 25/4 Carrier Aggregation Quadplexer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com