Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13548-385LF Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY13548-385LF
Description  5 to 1800 MHz Single Control SPDT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13548-385LF Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY13548-385LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13548-385LF Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203802A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • December 15, 2015
1
PRODUCT SUMMARY
SKY13548-385LF: 5 to 1800 MHz Single Control SPDT
Applications
 Terrestrial and cable set-top boxes
 Cable modems
 Cable home gateways
 Personal video recorders (PVRs)
 Digital video recorders (DVRs)
Features
 Low insertion loss: 0.40 dB @ 900 MHz
 High isolation: >25 dB @ 900 MHz
 Single bit control
 Small QFN (6-pin, 1 x 1 mm) package
(MSL1, 260
C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to
Skyworks
Definition of GreenTM, document number
SQ04–0074.
VCTL
VDD
Decoder
RF1
RF2
RFC
Y2697
Figure 1. SKY13548-385LF Block Diagram
Description
The SKY13548-385LF is a single-pole, double-throw (SPDT) 75
Ω
switch intended for mode switching in either pre-select filter or
post-select filter in STB and cable modem applications. Using
advanced switching technologies, the SKY13548-385LF
maintains low insertion loss and high isolation for all switching
paths.
The high-linearity performance and low insertion loss achieved by
the switch make it an ideal choice for cable modem and STB
applications. Depending on the logic voltage applied to the control
pin (VCTL), the RFC pin is connected to one of the two switched
RF outputs, RF1 or RF2, using a low insertion loss path, while the
path between the RFC pin and the other RF path is in a high
isolation state.
The switch is manufactured in a compact, 1 x 1 mm, 6-pin Quad
Flat No-Lead (QFN) package. A functional block diagram is shown
in Figure 1.


Similar Part No. - SKY13548-385LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13547-490LF SKYWORKS-SKY13547-490LF Datasheet
177Kb / 2P
   5 to 1800 MHz Ultra-High Linearity SPDT 75 Switch
SKY13547-490LF-EVB SKYWORKS-SKY13547-490LF-EVB Datasheet
177Kb / 2P
   5 to 1800 MHz Ultra-High Linearity SPDT 75 Switch
More results

Similar Description - SKY13548-385LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13547-490LF SKYWORKS-SKY13547-490LF Datasheet
177Kb / 2P
   5 to 1800 MHz Ultra-High Linearity SPDT 75 Switch
logo
Analog Devices
ADCA5190 AD-ADCA5190 Datasheet
883Kb / 22P
   5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADCA5191 AD-ADCA5191 Datasheet
967Kb / 24P
   5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADL5606 AD-ADL5606 Datasheet
535Kb / 20P
   1800 MHz to 2700 MHz
REV. 0
logo
Skyworks Solutions Inc.
SKY13453-385LF SKYWORKS-SKY13453-385LF Datasheet
840Kb / 10P
   0.01 to 6.0 GHz Single Control SPDT Switch
SKYA21024 SKYWORKS-SKYA21024 Datasheet
808Kb / 10P
   0.01 to 6.0 GHz Single Control SPDT Switch
September 7, 2017
logo
Teledyne Technologies I...
SJ1010 TELEDYNE-SJ1010 Datasheet
180Kb / 2P
   5 TO 1000 MHz 10-PIN GULLWING SPDT SWITCH
logo
Tyco Electronics
SW-207 MACOM-SW-207 Datasheet
78Kb / 2P
   GaAs SPDT Switch 5 - 3000 MHz
logo
SIPAT Co,Ltd
SP42742 SIPAT-SP42742 Datasheet
1,010Kb / 5P
   75  Terminated, 5 - 2200 MHz SPDT
logo
M/A-COM Technology Solu...
SW-207-PIN MA-COM-SW-207-PIN Datasheet
56Kb / 3P
   GaAs SPDT Switch, 5 - 3000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com