Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61000 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS61000
Description  Single- and Dual-Cell Boost Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61000 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61000_15 Datasheet HTML 1Page - Texas Instruments TPS61000_15 Datasheet HTML 2Page - Texas Instruments TPS61000_15 Datasheet HTML 3Page - Texas Instruments TPS61000_15 Datasheet HTML 4Page - Texas Instruments TPS61000_15 Datasheet HTML 5Page - Texas Instruments TPS61000_15 Datasheet HTML 6Page - Texas Instruments TPS61000_15 Datasheet HTML 7Page - Texas Instruments TPS61000_15 Datasheet HTML 8Page - Texas Instruments TPS61000_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1
2
3
4
5
10
9
8
7
6
EN
COMP
FB
GND
VOUT
LBO
LBI
NC/FBGND
SW
VBAT
TPS61007 only
TPS61000, TPS61001, TPS61002, TPS61003
TPS61004, TPS61005, TPS61006, TPS61007
www.ti.com
SLVS279D – MARCH 2000 – REVISED AUGUST 2015
5 Available Options
OUTPUT VOLTAGE
MARKING DGS
TA
PACKAGE
PART NUMBER(1)
(V)
PACKAGE
Adj. from 1.5 V to 3.3 V
TPS61000DGS
ADA
1.5
TPS61001DGS
ADB
1.8
TPS61002DGS
ADC
2.5
TPS61003DGS
ADD
–40°C to 85°C
10-Pin MSOP DGS
2.8
TPS61004DGS
ADE
3.0
TPS61005DGS
ADF
3.3
TPS61006DGS
ADG
Adj. from 1.5 V to 3.3 V
TPS61007DGS
AD
(1)
The DGS package is available taped and reeled. Add R suffix to device type (e.g. TPS61000DGSR) to order quantities of 2500 devices
per reel.
6 Pin Configuration and Functions
DGS Package
10-Pin VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Compensation of error amplifier. Connect R-C-C network to set frequency response of control loop. See the
COMP
2
Application section for more details.
Chip-enable input. The converter is switched on if EN is set high, and is switched off when EN is connected to
EN
1
I
ground (shutdown mode).
Feedback input for adjustable output voltage (TPS61000 only). The output voltage is programmed depending
FB
3
I
on the values of resistors R1 and R2. For the fixed output voltage versions (TPS61000, TPS61002,
TPS61003, TPS61004, TPS61005, TPS61006), leave the FB pin unconnected.
Not connected (TPS61000, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006). A ground pin for the
NC/FBGND
8
feedback resistor divider for the TPS61007 only.
GND
4
Ground
Low-battery detector input. A low-battery signal is generated at the LBO pin when the voltage on LBI drops
LBI
9
I
below the threshold of 500 mV. Connect LBI to GND or VBAT if the low-battery detector function is not used.
Do not leave this pin floating.
Open-drain low-battery detector output. This pin is pulled low if the voltage on LBI drops below the threshold
LBO
10
O
of 500 mV. A pullup resistor should be connected between LBO and VOUT.
SW
7
I
Switch input pin. The node between inductor and anode of the rectifier diode is connected to this pin.
VBAT
6
I
Supply pin
VOUT
5
O
Output voltage. For the fixed output voltage versions, the integrated resistive divider is connected to this pin.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61000 TPS61001 TPS61002 TPS61003 TPS61004 TPS61005 TPS61006 TPS61007


Similar Part No. - TPS61000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Linear Technology
LT1308 LINER-LT1308 Datasheet
266Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com