Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13449-001 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY13449-001
Description  0.5 to 3.0 GHz SP3T High-Power Antenna Tuning Switch in a WLCSP Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13449-001 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY13449-001 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13449-001 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13449-001 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13449-001 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13449-001 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13449-001 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13449-001 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13449-001 Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DATA SHEET • SKY13449-001: SP3T SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
October 16, 2014 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202940B
Table 1. SKY13449-001 Signal Descriptions
Pin
Name
Description
Pin
Name
Description
A1
RF2
RF I/O. Throw 2 of the switch.
B3
RF3
RF I/O. Throw 3 of the switch.
B1
GND
Ground
A3
RF1
RF I/O. Throw 1 of the switch
C1
VDD
Supply voltage
A2
ANT
Antenna
C2
V2
Digital control input #2
B2
GND
Ground
C3
V1
Digital control input #1
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY13449-001 are
provided in Table 2. Electrical specifications are provided in
Table 3.
The state of the SKY13449-001 is determined by the logic
provided in Table 4.
Table 2. SKY13449-001 Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
Supply voltage
VDD
2.5
5.0
V
Digital control voltage
VCTL
–0.5
+3.0
V
GSM RF input power:
Low band
High band
PIN
+36
+34
dBm
dBm
Operating temperature
TOP
–30
+90
C
Storage temperature
TSTG
–55
+150
C
Electrostatic discharge:
Charged Device Model (CDM)
Human Body Model (HBM)
Machine Model (MM)
ESD
1000
1000
100
V
V
V
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.


Similar Part No. - SKY13449-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13445-368LF SKYWORKS-SKY13445-368LF Datasheet
976Kb / 10P
   Dual-Band SP3T and SP2T Switch
SKY13445-368LF-EVB SKYWORKS-SKY13445-368LF-EVB Datasheet
976Kb / 10P
   Dual-Band SP3T and SP2T Switch
More results

Similar Description - SKY13449-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY19225-001 SKYWORKS-SKY19225-001 Datasheet
171Kb / 2P
   0.1 to 2.7 GHz SP4T High-Power Antenna Tuning Switch in a WLCSP Package
SKY19247-686LF SKYWORKS-SKY19247-686LF Datasheet
197Kb / 2P
   0.8 to 2.7 GHz SP3T High-Power Antenna Tuning Switch in a QFN Package
SKY19244-686LF SKYWORKS-SKY19244-686LF Datasheet
194Kb / 2P
   0.1 to 2.7 GHz SP3T High-Power Antenna Tuning Switch in a QFN Package
logo
Hexawave, Inc
HWS534_V1 HW-HWS534_V1 Datasheet
88Kb / 3P
   GaAs 0.5-3.0 GHz SP3T Switch
logo
Skyworks Solutions Inc.
SKY19243-686LF SKYWORKS-SKY19243-686LF Datasheet
192Kb / 2P
   0.1 to 3.8 GHz SPDT High-Power Antenna Tuning Switch in a QFN Package
SKY19245-686LF SKYWORKS-SKY19245-686LF Datasheet
192Kb / 2P
   0.1 to 2.7 GHz SP4T High-Power Antenna Tuning Switch in a QFN Package
logo
ANADIGICS, Inc
AWS5523 ANADIGICS-AWS5523 Datasheet
125Kb / 8P
   0.5 to 2.5 GHz SP3T Switch
AWS5533 ANADIGICS-AWS5533 Datasheet
219Kb / 12P
   0.5 to 2.5 GHz SP3T SWITCH
logo
Skyworks Solutions Inc.
SKY13523-639LF SKYWORKS-SKY13523-639LF Datasheet
491Kb / 9P
   0.7 to 3.0 GHz High-Isolation SP3T Switch
SKY13489-001 SKYWORKS-SKY13489-001 Datasheet
378Kb / 8P
   0.7 to 2.7 GHz SPDT High Power Switch (Single Bit Control) in a WLCSP Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com