Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ12010TZE Datasheet(PDF) 4 Page - Texas Instruments

Part # LMZ12010TZE
Description  10A SIMPLE SWITCHER Power Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ12010TZE Datasheet(HTML) 4 Page - Texas Instruments

  LMZ12010TZE Datasheet HTML 1Page - Texas Instruments LMZ12010TZE Datasheet HTML 2Page - Texas Instruments LMZ12010TZE Datasheet HTML 3Page - Texas Instruments LMZ12010TZE Datasheet HTML 4Page - Texas Instruments LMZ12010TZE Datasheet HTML 5Page - Texas Instruments LMZ12010TZE Datasheet HTML 6Page - Texas Instruments LMZ12010TZE Datasheet HTML 7Page - Texas Instruments LMZ12010TZE Datasheet HTML 8Page - Texas Instruments LMZ12010TZE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
LMZ12010
SNVS667H – FEBRUARY 2010 – REVISED AUGUST 2015
www.ti.com
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. Test method is per JESD-22-114.
6.3 Recommended Operating Conditions
(1)
MIN
MAX
UNIT
VIN
6
20
V
EN
0
5
V
Operation Junction Temperature
−40
125
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
6.4 Thermal Information
LMZ12010
THERMAL METRIC(1)
NDY
UNIT
11 PINS
Natural Convection
9.9
Junction-to-ambient thermal
RθJA
225 LFPM
6.8
°C/W
resistance
500 LFPM
5.2
RθJC(top)
Junction-to-case (top) thermal resistance
1.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
Limits are for TJ = 25°C unless otherwise specified. Minimum and Maximum limits are ensured through test, design or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VIN = 12 V, VOUT = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
SYSTEM PARAMETERS
ENABLE CONTROL
1.274
VEN
EN threshold
VEN rising
V
over the junction temperature (TJ)
1.096
1.452
range of –40°C to +125°C
EN hysteresis source
13
IEN-HYS
VEN > 1.274V
µA
current
SOFT-START
50
ISS
SS source current
VSS = 0V
µA
over the junction temperature (TJ)
40
60
range of –40°C to +125°C
tSS
Internal soft-start interval
1.6
ms
CURRENT LIMIT
ICL
Current limit threshold
DC average
12.5
A
INTERNAL SWITCHING OSCILLATOR
Free-running oscillator
314
359
404
fosc
kHz
frequency
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ12010


Similar Part No. - LMZ12010TZE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12010TZE NSC-LMZ12010TZE Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12010TZE TI-LMZ12010TZE Datasheet
1Mb / 29P
[Old version datasheet]   LMZ12010 10A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results

Similar Description - LMZ12010TZE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ22010 TI1-LMZ22010 Datasheet
1Mb / 36P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ23610TZE TI-LMZ23610TZE Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com