Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ22010 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22010
Description  10A SIMPLE SWITCHER Power Module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ22010 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMZ22010 Datasheet HTML 4Page - Texas Instruments LMZ22010 Datasheet HTML 5Page - Texas Instruments LMZ22010 Datasheet HTML 6Page - Texas Instruments LMZ22010 Datasheet HTML 7Page - Texas Instruments LMZ22010 Datasheet HTML 8Page - Texas Instruments LMZ22010 Datasheet HTML 9Page - Texas Instruments LMZ22010 Datasheet HTML 10Page - Texas Instruments LMZ22010 Datasheet HTML 11Page - Texas Instruments LMZ22010 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
0
1
2
3
4
5
6
7
8
9
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
1
2
3
4
5
6
7
8
9
10
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
8 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
1
2
3
4
5
6
7
8
9
10
10
20
30
40
50
60
70
80
90
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
6 Vin
10 Vin
12 Vin
16 Vin
20 Vin
LMZ22010
SNVS687H – MARCH 2011 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 12 V; CIN = three × 10 μF + 47-nF X7R Ceramic; COUT = two
× 330-
μF Specialty Polymer + 47-µF Ceramic + 47-nF Ceramic; CFF = 4.7 nF; TA = 25° C for waveforms. All indicated
temperatures are ambient.
Figure 13. Efficiency 1-V Output at 25°C
Figure 14. Dissipation 1-V Output at 25°C
Figure 15. Efficiency 5-V Output at 85°C
Figure 16. Dissipation 5-V Output at 85°C
Figure 17. Efficiency 3.3-V Output at 85°C
Figure 18. Dissipation 3.3-V Output at 85°C
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ22010


Similar Part No. - LMZ22010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ22010 NSC-LMZ22010 Datasheet
2Mb / 16P
   Sharing Evaluation Board power modules are easy-to-use DC-DC
More results

Similar Description - LMZ22010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12010 TI1-LMZ12010 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
   10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
LMZ23608 TI1-LMZ23608_15 Datasheet
1Mb / 36P
[Old version datasheet]   8A SIMPLE SWITCHER Power Module
LMZ13608 TI1-LMZ13608_15 Datasheet
1Mb / 35P
[Old version datasheet]   8-A SIMPLE SWITCHER Power Module
LMZ23610TZE TI-LMZ23610TZE Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com