Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3648YFFR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3648YFFR
Description  Synchronous Boost LED Flash Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3648YFFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3648YFFR Datasheet HTML 7Page - Texas Instruments LM3648YFFR Datasheet HTML 8Page - Texas Instruments LM3648YFFR Datasheet HTML 9Page - Texas Instruments LM3648YFFR Datasheet HTML 10Page - Texas Instruments LM3648YFFR Datasheet HTML 11Page - Texas Instruments LM3648YFFR Datasheet HTML 12Page - Texas Instruments LM3648YFFR Datasheet HTML 13Page - Texas Instruments LM3648YFFR Datasheet HTML 14Page - Texas Instruments LM3648YFFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
VOVP
PWM
Control
Thermal
Shutdown
+150
oC
IN
VREF
I
2
C
Interface
Error
Amplifier
Slope
Compensation
SDA
SCL
Control
Logic/
Registers
GND
OUT
LED
TORCH/
TEMP
TX
STROBE
ENABLE
SW
65 m:
86 m:
Over Voltage
Comparator
NTC VTRIP
INTC
ILED
Soft-Start
2/4 MHz
Oscillator
UVLO
Input Voltage
Flash Monitor
OUT-VHR
Current Sense/
Current Limit
LM3648, LM3648TT
www.ti.com
SNVSA68B – OCTOBER 2014 – REVISED SEPTEMBER 2015
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Flash Mode
In Flash Mode, the LED current source (LED) provides 64 target current levels from 21.8 mA to 1500 mA. Once
the Flash sequence is activated the current source (LED) ramps up to the programmed Flash current by stepping
through all current steps until the programmed current is reached. The headroom in the current source can be
regulated to provide 21.8 mA to 1.5 A.
When the device is enabled in Flash Mode through the Enable Register, all mode bits in the Enable Register are
cleared after a flash time-out event.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3648 LM3648TT


Similar Part No. - LM3648YFFR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
LM3641M NSC-LM3641M Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3642TLE TI1-LM3642TLE Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3642TLE-LT TI1-LM3642TLE-LT Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results

Similar Description - LM3648YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM3560 TI1-LM3560_14 Datasheet
3Mb / 48P
[Old version datasheet]   Synchronous Boost Flash Driver
LM3559 TI1-LM3559_16 Datasheet
4Mb / 50P
[Old version datasheet]   Synchronous Boost Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com