Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3642TLX-LT Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3642TLX-LT
Description  Synchronous Boost LED Flash Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3642TLX-LT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3642TLX-LT Datasheet HTML 3Page - Texas Instruments LM3642TLX-LT Datasheet HTML 4Page - Texas Instruments LM3642TLX-LT Datasheet HTML 5Page - Texas Instruments LM3642TLX-LT Datasheet HTML 6Page - Texas Instruments LM3642TLX-LT Datasheet HTML 7Page - Texas Instruments LM3642TLX-LT Datasheet HTML 8Page - Texas Instruments LM3642TLX-LT Datasheet HTML 9Page - Texas Instruments LM3642TLX-LT Datasheet HTML 10Page - Texas Instruments LM3642TLX-LT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
2.7 3.0 3.3 3.6 3.9 4.1 4.4 4.7 5.0 5.3 5.5
5.00
5.03
5.06
5.09
5.12
5.15
5.18
5.21
5.24
5.27
5.30
VIN (V)
+25°C
+85°C
-40°C
2.5 2.7 2.9 3.1 3.2 3.4 3.6 3.7 3.9 4.1 4.2
0.10
0.11
0.12
0.13
0.15
0.15
0.16
0.17
0.18
0.19
0.20
VIN (V)
2.8 3.1 3.4 3.7 3.9 4.2 4.5 4.7 5.0 5.3 5.5
1.00
1.06
1.12
1.18
1.24
1.30
1.36
1.42
1.48
1.54
1.60
VIN (V)
1.5A
1.4A
1.31A
1.22A
1.1125A
2.8 3.0 3.1 3.3 3.4 3.5 3.7 3.8 4.0 4.1 4.2
0.15
0.18
0.20
0.23
0.25
0.28
0.30
0.33
0.35
0.38
0.40
VIN (V)
+25°C
+85°C
-40°C
2.5 2.7 2.9 3.1 3.2 3.4 3.6 3.7 3.9 4.1 4.2
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
VIN (V)
+25°C
+85°C
- 40°C
2.8 3.0 3.2 3.4 3.5 3.7 3.9 4.0 4.2 4.4 4.5
0.330
0.337
0.344
0.351
0.358
0.365
0.372
0.379
0.386
0.393
0.400
VIN(V)
+25°C
+85°C
-40°C
LM3642
www.ti.com
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
6.7 Typical Characteristics
Figure 2. Flash LED Current vs. VIN
Figure 3. Torch LED Current vs. VIN
VLED = 3.8 V, ILED = 1.5 A
VLED = 3.7 V, ILED = 375 mA
Figure 5. Flash Headroom Voltage vs. VIN
Figure 4. High Codes Flash LED Current vs. VIN
VLED = 3.8 V, ILED = 1 A
VLED = 3.8 V, Temp = 25°C
Figure 6. Torch Headroom Voltage vs. VIN
Figure 7. Output Voltage vs. VIN
VLED = 3.7 V, ILED = 375 mA
VLED = 3.8 V
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3642


Similar Part No. - LM3642TLX-LT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
More results

Similar Description - LM3642TLX-LT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM3560 TI1-LM3560_14 Datasheet
3Mb / 48P
[Old version datasheet]   Synchronous Boost Flash Driver
LM3559 TI1-LM3559_16 Datasheet
4Mb / 50P
[Old version datasheet]   Synchronous Boost Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com