Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3648TTYFFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3648TTYFFR
Description  Synchronous Boost LED Flash Driver
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3648TTYFFR Datasheet(HTML) 5 Page - Texas Instruments

  LM3648TTYFFR Datasheet HTML 1Page - Texas Instruments LM3648TTYFFR Datasheet HTML 2Page - Texas Instruments LM3648TTYFFR Datasheet HTML 3Page - Texas Instruments LM3648TTYFFR Datasheet HTML 4Page - Texas Instruments LM3648TTYFFR Datasheet HTML 5Page - Texas Instruments LM3648TTYFFR Datasheet HTML 6Page - Texas Instruments LM3648TTYFFR Datasheet HTML 7Page - Texas Instruments LM3648TTYFFR Datasheet HTML 8Page - Texas Instruments LM3648TTYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LM3648, LM3648TT
www.ti.com
SNVSA68B – OCTOBER 2014 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
Typical limits tested at TA = 25°C. Minimum and maximum limits apply over the full operating ambient temperature range
(
−40°C ≤ TA ≤ +85°C). Unless otherwise specified, VIN = 3.6 V, HWEN = VIN.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SOURCE SPECIFICATIONS
VOUT = 4 V, flash code = 0x3F = 1.5 A
–7%
1.5
7%
A
flash
ILED
Current source accuracy
VOUT = 4 V, torch code = 0x3F = 178.6 mA
–10%
178.6
10%
mA
torch
Current source accuracy
VOUT = 4 V, torch code = 0x3F = 357.2 mA
ILED
–10%
357.2
10%
mA
(LM3648TT)
torch
ILED = 1.5 A
Flash
290
LED current source regulation
VHR
mV
voltage
ILED = 178.6 mA
Torch
158
LED current source regulation
Torch and
VHR
ILED = 357.2 mA
270
mV
voltage (LM3648TT)
Flash
ON threshold
4.86
5
5.1
VOVP
V
OFF threshold
4.75
4.88
4.99
STEP-UP DC-DC CONVERTER SPECIFICATIONS
RPMOS
PMOS switch on-resistance
86
m
RNMOS
NMOS switch on-resistance
65
Reg 0x07, bit[0] = 0
–12%
1.9
12%
ICL
Switch current limit
A
Reg 0x07, bit[0] = 1
–12%
2.8
12%
VUVLO
Undervoltage lockout threshold
Falling VIN
–2%
2.5
2%
V
VTRIP
NTC comparator trip threshold
Reg 0x09, bits[3:1] = '100'
–5%
0.6
5%
V
INTC
NTC current
–6%
50
6%
µA
Input voltage flash monitor trip
VIVFM
Reg 0x02, bits[5:3] = '000'
–3%
2.9
3%
V
threshold
IQ
Quiescent supply current
Device not switching pass mode
0.3
0.75
mA
Device disabled, HWEN = 0 V
ISD
Shutdown supply current
0.1
4
µA
2.5 V
≤ VIN ≤ 5.5 V
Device disabled, HWEN = 1.8 V
ISB
Standby supply current
2.5
10
µA
2.5 V
≤ VIN ≤ 5.5 V
HWEN, TORCH/TEMP, STROBE, TX VOLTAGE SPECIFICATIONS
VIL
Input logic low
0
0.4
V
2.5 V
≤ VIN ≤ 5.5 V
VIH
Input logic high
1.2
VIN
V
I2C-COMPATIBLE INTERFACE SPECIFICATIONS (SCL, SDA)
VIL
Input logic low
0
0.4
2.5 V
≤ VIN ≤ 4.2 V
V
VIH
Input logic high
1.2
VIN
VOL
Output logic low
ILOAD = 3 mA
400
mV
(1)
Minimum (MIN) and Maximum (MAX) limits are specified by design, test, or statistical analysis. Typical (TYP) numbers are not verified,
but do represent the most likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = 3.6 V and TA = 25°C.
(2)
All voltages are with respect to the potential at the GND pin.
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
t1
SCL clock period
2.4
µs
t2
Data in set-up time to SCL high
100
ns
t3
Data out stable After SCL low
0
ns
t4
SDA low set-up time to SCL low (start)
100
ns
t5
SDA high hold time after SCL high (stop)
100
ns
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3648 LM3648TT


Similar Part No. - LM3648TTYFFR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
LM3641M NSC-LM3641M Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3642TLE TI1-LM3642TLE Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3642TLE-LT TI1-LM3642TLE-LT Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results

Similar Description - LM3648TTYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
   1.5A Synchronous Boost LED Flash Driver
logo
Texas Instruments
LM3560 TI1-LM3560_14 Datasheet
3Mb / 48P
[Old version datasheet]   Synchronous Boost Flash Driver
LM3559 TI1-LM3559_16 Datasheet
4Mb / 50P
[Old version datasheet]   Synchronous Boost Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
   2A, Synchronous Boost Flash LED Driver with I2C Interface
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com