Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3632AYFFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3632AYFFR
Description  Single-Chip Backlight With Bias Power and 1.5-A Flash LED Driver
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3632AYFFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3632AYFFR Datasheet HTML 4Page - Texas Instruments LM3632AYFFR Datasheet HTML 5Page - Texas Instruments LM3632AYFFR Datasheet HTML 6Page - Texas Instruments LM3632AYFFR Datasheet HTML 7Page - Texas Instruments LM3632AYFFR Datasheet HTML 8Page - Texas Instruments LM3632AYFFR Datasheet HTML 9Page - Texas Instruments LM3632AYFFR Datasheet HTML 10Page - Texas Instruments LM3632AYFFR Datasheet HTML 11Page - Texas Instruments LM3632AYFFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
LM3632A
SNVSA63A – APRIL 2015 – REVISED SEPTEMBER 2015
www.ti.com
6.6 I
2C Timing Requirements (SDA, SCL) (1)
Over operating free-air temperature range (unless otherwise noted)(see Figure 1).
MIN
NOM
MAX
UNIT
ƒSCL
Clock frequency
400
kHz
1
Hold time (repeated) START condition
0.6
µs
2
Clock low time
1.3
µs
3
Clock high time
600
ns
4
Set-up time for a repeated START condition
600
ns
5
Data hold time
50
ns
6
Data set-up time
100
ns
7
Rise time of SDA and SCL
20 + 0.1Cb
300
ns
8
Fall time of SDA and SCL
15 + 0.1Cb
300
ns
9
Set-Up time between a STOP and a START condition
1.3
µs
Cb
Capacitive load for each bus line
10
200
pF
(1)
Limits set by characterization and/or simulation only.
Figure 1. I2C Timing Parameters
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM3632A


Similar Part No. - LM3632AYFFR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM363 NSC-LM363 Datasheet
452Kb / 22P
   LM363 Precision Instrumentation Amplifier
logo
Texas Instruments
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI-LM3630ATME Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630ATMX TI-LM3630ATMX Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
More results

Similar Description - LM3632AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
[Old version datasheet]   Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Analog Devices
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
logo
Texas Instruments
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Kinetic Technologies.
KTZ8863A KINETIC-KTZ8863A Datasheet
155Kb / 2P
   High Efficiency 3-CH LED Backlight Driver with Dual LCD Bias Power
October 2020 - Revision 04b
KTZ8866 KINETIC-KTZ8866 Datasheet
1Mb / 37P
   High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
January 2022 - Revision 04b
KTZ8864A KINETIC-KTZ8864A Datasheet
1Mb / 37P
   High Efficiency 4-CH LED Backlight Driver with Dual LCD Bias Power
November 2021 - Revision 04b
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com