Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT500-A112 Datasheet(PDF) 2 Page - SICK AG

Part # DT500-A112
Description  LONG RANGE DISTANCE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DT500-A112 Datasheet(HTML) 2 Page - SICK AG

  DT500-A112 Datasheet HTML 1Page - SICK AG DT500-A112 Datasheet HTML 2Page - SICK AG DT500-A112 Datasheet HTML 3Page - SICK AG DT500-A112 Datasheet HTML 4Page - SICK AG DT500-A112 Datasheet HTML 5Page - SICK AG DT500-A112 Datasheet HTML 6Page - SICK AG DT500-A112 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DT500-A112 | Dx500
LONG RANGE DISTANCE SENSORS
Ordering information
Type
Part no.
DT500-A112
1026517
Other models and accessories
www.sick.com/Dx500
Detailed technical data
Performance
Measuring range
0.2 m ... 30 m, 90 % remission 1) 2)
0.8 m ... 15 m, 6 % remission 1) 2)
Resolution
≤ 1 mm
Repeatability
1 mm 3) 4)
Accuracy
± 3 mm 3)
Output time
250 ms
Light source
Laser, red 5)
Laser class
2 (EN 60825/21 CFR 1.040)
Typ. light spot size (distance)
10 mm (at 7 m)
45 mm (at 30 m)
100 mm (at 70 m)
1) In ambient light, max. 1 klx of constant light.
2) Unique up to 150 m.
3) 6 % ... 90 % remission.
4) Statistical error 1 σ.
5) Average service life of 50,000 h at TA = +25 °C.
Interfaces
Multifunctional input (MF)
> 12 V 1)
Data interface
RS-422
Data output
20,000 CR LF in mm 2)
1) Refer to function MF input.
2) Only RS-422.
Mechanics/electronics
Supply voltage Vs
DC 10 V ... 30 V, reverse polarity protected
UV ≥ DC 24 V for devices with heating
Ripple
5 Vpp 1)
Power consumption
Typ. 3 W
Initialization time
500 ms
1) May not fall short of or exceed VS tolerances.
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice


Similar Part No. - DT500-A112

ManufacturerPart #DatasheetDescription
logo
SICK AG
DT500-A111 SICK-DT500-A111 Datasheet
574Kb / 7P
   LONG RANGE DISTANCE SENSORS
More results

Similar Description - DT500-A112

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-13HA2112 SICK-DL100-13HA2112 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-21AA2109 SICK-DL100-21AA2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com