Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS500-P511 Datasheet(PDF) 3 Page - SICK AG

Part # DS500-P511
Description  LONG RANGE DISTANCE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DS500-P511 Datasheet(HTML) 3 Page - SICK AG

  DS500-P511 Datasheet HTML 1Page - SICK AG DS500-P511 Datasheet HTML 2Page - SICK AG DS500-P511 Datasheet HTML 3Page - SICK AG DS500-P511 Datasheet HTML 4Page - SICK AG DS500-P511 Datasheet HTML 5Page - SICK AG DS500-P511 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS500-P511 | Dx500
LONG RANGE DISTANCE SENSORS
Ambient data
Enclosure rating
IP 65
Protection class
II 1)
Electromagnetic compatibility (EMC)
EN 61000-6-2, EN 55011
EN 60947-5-7: 2003-9
Ambient temperature
Operation: –10 °C ... +45 °C
Operation with cooling case: –10 °C ... +75 °C
Storage: –25 °C ... +75 °C
Temperature drift
Typ. 0.05 mm/K
Mechanical load
Shock: EN 600 68-2-27
Sine: EN 600 68-2-6
Noise: EN 600 68-2-64
1) Reference voltage DC 32 V.
Dimensional drawing (Dimensions in mm (inch))
69 (2.72)
26
(1.02)
110 (4.33)
approx.
20
(0.79)
153 (6.02)
146 (5.75)
15
(0.59)
105 (4.13)
49 (1.93)
104 (4.09)
Ø 9
(0.35)
1
2
3
4
5
①  Optical axis, sender
②  Optical axis, receiver
③  Male connector M12, 5-pin
④  Zero level
⑤  Fixing hole
Connection type
Male connector M12, 5-pin
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3


Similar Part No. - DS500-P511

ManufacturerPart #DatasheetDescription
logo
SICK AG
DS500-P111 SICK-DS500-P111 Datasheet
573Kb / 6P
   LONG RANGE DISTANCE SENSORS
DS500-P211 SICK-DS500-P211 Datasheet
573Kb / 6P
   LONG RANGE DISTANCE SENSORS
DS500-P311 SICK-DS500-P311 Datasheet
573Kb / 6P
   LONG RANGE DISTANCE SENSORS
DS500-P411 SICK-DS500-P411 Datasheet
573Kb / 6P
   LONG RANGE DISTANCE SENSORS
DS500-P611 SICK-DS500-P611 Datasheet
573Kb / 6P
   LONG RANGE DISTANCE SENSORS
More results

Similar Description - DS500-P511

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-13HA2112 SICK-DL100-13HA2112 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-21AA2109 SICK-DL100-21AA2109 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com