Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13384-350LF-EVB Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY13384-350LF-EVB
Description  0.02 to 4.0 GHz High Isolation SP4T Absorptive Switch with Decoder
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13384-350LF-EVB Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY13384-350LF-EVB Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13384-350LF-EVB Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DATA SHEET • SKY13384-350LF: SP4T SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201529C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 6, 2015
3


Similar Part No. - SKY13384-350LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13385-460LF SKYWORKS-SKY13385-460LF Datasheet
727Kb / 10P
   0.1 to 3.5 GHz SP3T Switch
SKY13385-460LF-EVB SKYWORKS-SKY13385-460LF-EVB Datasheet
727Kb / 10P
   0.1 to 3.5 GHz SP3T Switch
SKY13388-465LF SKYWORKS-SKY13388-465LF Datasheet
859Kb / 9P
   0.1 to 2.7 GHz SP4T Switch with Integrated Logic Decoder
SKY13388-465LF-EVB SKYWORKS-SKY13388-465LF-EVB Datasheet
859Kb / 9P
   0.1 to 2.7 GHz SP4T Switch with Integrated Logic Decoder
More results

Similar Description - SKY13384-350LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13392-359LF SKYWORKS-SKY13392-359LF Datasheet
980Kb / 10P
   0.02-4.0 GHz High Isolation SP4T Absorptive Switch With Decoder
logo
M/A-COM Technology Solu...
MASW-010350 MA-COM-MASW-010350 Datasheet
193Kb / 6P
   SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz Integral CMOS Decoder
logo
List of Unclassifed Man...
MASW-010350 ETC1-MASW-010350 Datasheet
200Kb / 7P
   SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
Qorvo, Inc
QPC6044 QORVO-QPC6044 Datasheet
1Mb / 12P
   5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
logo
Tyco Electronics
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
SW90-0003 MA-COM-SW90-0003 Datasheet
152Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
   GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
Tyco Electronics
SW-369-PIN MACOM-SW-369-PIN Datasheet
131Kb / 3P
   Matched GaAs SP4T Switch, 0.02 - 2 GHz
logo
Skyworks Solutions Inc.
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
   0.7 to 3.0 GHz High Isolation SP4T Switch
logo
M/A-COM Technology Solu...
SW-369-PIN MA-COM-SW-369-PIN Datasheet
50Kb / 3P
   Matched GaAs SP4T Switch, 0.02 - 2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com