Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZWS100AF-12 Datasheet(PDF) 15 Page - DENSEI-LAMBDA

Part # ZWS100AF-12
Description  Single output 50W ~ 150W
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

ZWS100AF-12 Datasheet(HTML) 15 Page - DENSEI-LAMBDA

Back Button ZWS100AF-12 Datasheet HTML 11Page - DENSEI-LAMBDA ZWS100AF-12 Datasheet HTML 12Page - DENSEI-LAMBDA ZWS100AF-12 Datasheet HTML 13Page - DENSEI-LAMBDA ZWS100AF-12 Datasheet HTML 14Page - DENSEI-LAMBDA ZWS100AF-12 Datasheet HTML 15Page - DENSEI-LAMBDA ZWS100AF-12 Datasheet HTML 16Page - DENSEI-LAMBDA ZWS100AF-12 Datasheet HTML 17Page - DENSEI-LAMBDA ZWS100AF-12 Datasheet HTML 18Page - DENSEI-LAMBDA ZWS100AF-12 Datasheet HTML 19Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Note *1: Needs output derating according to the mounting directions or ambient temperature at convection air cooling.
*2: For forced air cooling, air current of 1.5m/s or higher applied to the circuit board is required.
*3: Please use with peak current operation of less than 10 seconds.
1. Input voltage range
2. Max. output
wattage
(average)
3. Rated output wattage
(peak)
4. Leakage current
5. Cooling
6. Operating ambient temperature
7. Harmonic correction requirements
8. Immunity requirements
9. EMI noise requirements
10. Safety standard
11. Dimensions (W x H x D)
ZWS150PAF-48
ZWS150PAF-48/L
ZWS150PAF-48/A
ZWS150PAF-48/ J
ZWS150PAF-48/ JL
ZWS150PAF-48/ JA
ZWS150PAF-48/ T
ZWS150PAF-48/ TL
ZWS150PAF-48/ TA
ZWS150PAF-48/ S
ZWS150PAF-48/ SL
ZWS150PAF-48/ SA
ZWS150PAF-24
ZWS150PAF-24/L
ZWS150PAF-24/A
ZWS150PAF-24/ J
ZWS150PAF-24/ JL
ZWS150PAF-24/ JA
ZWS150PAF-24/ T
ZWS150PAF-24/ TL
ZWS150PAF-24/ TA
ZWS150PAF-24/ S
ZWS150PAF-24/ SL
ZWS150PAF-24/ SA
Model name
ZWS 150PAF-24/
73
ZWS-PAF-SERIES
Single output 150W , 240W
Model
UL CSA EN
Connector
Molex
JST
Horizontal Vertical
Input and output style
Case style
Terminal block
L-angle
Cover
Features
Harmonic correction (PFHC).
Meets input requirement of the mechatronics industry:
Applicable to DC24V pulse load.
Ultra compact and high power: Capable of 200% of
average wattage at the peak point.
Wide input voltage range: Changeable with AC85 - 265V
continuous input.
Meets the harmonic correction requirements:
Built-in active filter circuit included.
Low leak current: Convenient for use in conjunction
with power supplies together.
Enriched options: Input/Output terminals and the case are selectable.
2 year warranty.
Series Name
Output Wattage
Rated Output Voltage
2 year warranty
Product lineup
Option
J : JST connector
L : with L-angle
A : with Cover
T : Terminal block
S : Terminal block (Vertical)
*refer "Products lineup"
Specifications
AC85 ~ 265V (47 - 63Hz.) or DC120~370V
ZWS150PAF-24: 24V 6.3A/151.2W, ZWS150PAF-36: 36V 4.2A/151.2W, ZWS150PAF-48: 48V 3.1A/148.8W
ZWS240PAF-24: 24V 10A/240W,
ZWS240PAF-36: 36V 6.7A/241.2W, ZWS240PAF-48: 48V 5A/240W
ZWS150PAF-24: 24V 8.4A/201.6W, ZWS150PAF-36: 36V 5.6A/201.6W, ZWS150PAF-48: 48V 4.3A/206.4W
ZWS240PAF-24: 24V 12.5A/300W, ZWS240PAF-36: 36V 8.4A/302.4W, ZWS240PAF-48: 48V 6.3A/302.4W
ZWS150PAF-24: 24V 12A/288W,
ZWS150PAF-36: 36V 8A/288W,
ZWS150PAF-48: 48V 6A/288W
ZWS240PAF-24: 24V 20A/480W,
ZWS240PAF-36: 36V 13.3A/478.8W, ZWS240PAF-48: 48V 10A/480W
0.5mA Max, 0.1mA(Typ) at 100VAC / 0.16mA(Typ) at 230VAC
Convection cooling
10 ~
60
ºC (with temperature derating)
Conforms to EN61000-3-2 (Built-in active filter included)
Conforms to EN61000-4-2,-3,-4,-5,-6,-8,-11
Conforms to EN55022-B, VCCI-B, FCC-B
Approved by UL60950, CSA950
, EN60950
,
marking applied
ZWS150PAF: 80mm x 40mm x 208mm (STD, /J type) ZWS240PAF: 95mm x 45mm x 222mm (STD, /J type)
Forced air
cooling (*1)(*2)
Convection
Cooling
(*1)
(*1)(*3)
ZWS150PAF-36
ZWS150PAF-36/L
ZWS150PAF-36/A
ZWS150PAF-36/ J
ZWS150PAF-36/ JL
ZWS150PAF-36/ JA
ZWS150PAF-36/ T
ZWS150PAF-36/ TL
ZWS150PAF-36/ TA
ZWS150PAF-36/ S
ZWS150PAF-36/ SL
ZWS150PAF-36/ SA
ZWS240PAF-48
ZWS240PAF-48/L
ZWS240PAF-48/A
ZWS240PAF-48/ J
ZWS240PAF-48/ JL
ZWS240PAF-48/ JA
ZWS240PAF-48/ T
ZWS240PAF-48/ TL
ZWS240PAF-48/ TA
ZWS240PAF-48/ S
ZWS240PAF-48/ SL
ZWS240PAF-48/ SA
ZWS240PAF-24
ZWS240PAF-24/L
ZWS240PAF-24/A
ZWS240PAF-24/ J
ZWS240PAF-24/ JL
ZWS240PAF-24/ JA
ZWS240PAF-24/ T
ZWS240PAF-24/ TL
ZWS240PAF-24/ TA
ZWS240PAF-24/ S
ZWS240PAF-24/ SL
ZWS240PAF-24/ SA
Model
UL CSA EN
Connector
Molex
JST
Horizontal Vertical
Input and output style
Case style
Terminal block
L-angle
Cover
ZWS240PAF-36
ZWS240PAF-36/L
ZWS240PAF-36/A
ZWS240PAF-36/ J
ZWS240PAF-36/ JL
ZWS240PAF-36/ JA
ZWS240PAF-36/ T
ZWS240PAF-36/ TL
ZWS240PAF-36/ TA
ZWS240PAF-36/ S
ZWS240PAF-36/ SL
ZWS240PAF-36/ SA
: Safety standard approved


Similar Part No. - ZWS100AF-12

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS100AF-12 LAMBDA-ZWS100AF-12 Datasheet
1Mb / 19P
   Single output 50W ~ 150W
More results

Similar Description - ZWS100AF-12

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
ZWS-AF LAMBDA-ZWS-AF Datasheet
1Mb / 19P
   Single output 50W ~ 150W
logo
RSG Electronic Componen...
ZWS50BAF RSG-ZWS50BAF Datasheet
817Kb / 4P
   50W to 150W Single Output Power Supplies,Low Cost, Worldwide Use
logo
DENSEI-LAMBDA
JWS50 LAMBDA-JWS50 Datasheet
349Kb / 5P
   Single output 50W ~ 600W???
logo
TDK Electronics
CME150-24 TDK-CME150-24 Datasheet
654Kb / 9P
   Single Output 150W - 240W
logo
DENSEI-LAMBDA
HK10A LAMBDA-HK10A Datasheet
317Kb / 3P
   Single output 10W~150W?
VS100B LAMBDA-VS100B Datasheet
234Kb / 3P
   Single output 10W~150W?
logo
TDK Electronics
HWS-A TDK-HWS-A Datasheet
1Mb / 56P
   Single Output 15W 節?150W
logo
Mean Well Enterprises C...
SD-50 MEANWELL-SD-50 Datasheet
382Kb / 2P
   50W Single Output DC-DC Converter
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
   50W Single Output Switching Power Supply
SD50DRL ASTRODYNE-SD50DRL Datasheet
1Mb / 3P
   50W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com