Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR1015-QH-0G00 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # XR1015-QH-0G00
Description  Integrated LNA, Mixer and LO Buffer Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XR1015-QH-0G00 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  XR1015-QH-0G00 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XR1015-QH-0G00 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XR1015-QH-0G00 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XR1015-QH-0G00 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XR1015-QH-0G00 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XR1015-QH-0G00 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XR1015-QH-0G00 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XR1015-QH-0G00 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XR1015-QH-0G00 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Receiver
10 - 16 GHz
Rev. V1
XR1015-QH
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Typical Performance Curves (cont.)
0
2
4
6
8
10
12
14
16
18
20
22
8
10
12
14
16
18
Vd1,2,3=3V
Vd1,2,3=4V
Vd1,2,3=5V
-60
-50
-40
-30
-20
-10
0
8
10
12
14
16
18
RF-IF
LO-IF
LO-RF
0
2
4
6
8
10
12
14
16
18
20
22
8
10
12
14
16
18
Vd1,2,3=3V
Vd1,2,3=4V
Vd1,2,3=5V
0
2
4
6
8
10
12
14
16
18
20
22
8
10
12
14
16
18
Id=40/80/110mA
Id=30/60/80mA
Id=20/40/55mA
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
8
10
12
14
16
18
Vd1,2,3=3V
Vd1,2,3=4V
Vd1,2,3=5V
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
8
10
12
14
16
18
Id=40/80/110mA
Id=30/60/80mA
Id=20/40/55mA


Similar Part No. - XR1015-QH-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1015-QH-0G00 MIMIX-XR1015-QH-0G00 Datasheet
465Kb / 9P
   10.0-16.0 GHz GaAs Receiver QFN, 4x4mm
More results

Similar Description - XR1015-QH-0G00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
TriQuint Semiconductor
CMY210 TRIQUINT-CMY210_15 Datasheet
251Kb / 9P
   Ultra-Linear Mixer with Integrated LO Buffer
logo
Guerrilla RF, Inc.
GRF7001 GUERRILLA-GRF7001 Datasheet
1Mb / 13P
   High Linearity Mixer with Integrated LO Buffer
05/27/21
logo
TriQuint Semiconductor
CMY213 TRIQUINT-CMY213_15 Datasheet
286Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212_15 Datasheet
283Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212 Datasheet
166Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
logo
Lucky Light Electronic
PE4150 LUCKY-LIGHT-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor...
PE4150 PEREGRINE-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor
PE4151 PSEMI-PE4151 Datasheet
815Kb / 15P
   Low Frequency Passive Mixer with Integrated LO Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com