Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1080-QU-EV1 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # XP1080-QU-EV1
Description  Linear Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XP1080-QU-EV1 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  XP1080-QU-EV1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XP1080-QU-EV1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XP1080-QU-EV1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XP1080-QU-EV1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XP1080-QU-EV1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XP1080-QU-EV1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XP1080-QU-EV1 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XP1080-QU-EV1 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Power Amplifier
37.0 - 40.0 GHz
Rev. V2
XP1080-QU
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
2
Electrical Specifications: 37-40.15 GHz (Ambient Temperature T = 25°C)
Parameter
Units
Min.
Typ.
Max.
Input Return Loss (S11)
dB
10.0
14.0
-
Output Return Loss (S22)
dB
4.0
8.0
-
Small Signal Gain (S21)
dB
21.0
25.0
30.0
Gain Flatness (
S21)
dB
-
+/-1.0
-
Reverse isolation (S12)
dB
-
50
-
Output Power for 1dB Compression Point (P1dB)
dBm
-
27.0
-
Output IMD3 with Pout (scl) = 14 dBm
dBc
43.0
48.0
-
Output IP3
dBm
35.5
+38.0
-
Drain Bias Voltage (Vd)
VDC
-
4.0
4.0
Gate Bias Voltage (Vg)
VDC
-1.0
-0.3
-0.1
Supply Current (Id1) (Vd=4.0V, Vg=-0.3V)
mA
-
1000
1200
Absolute Maximum Ratings 2,3
Parameter
Absolute Max.
Supply Voltage (Vd)
+4.3 V
Gate Bias Voltage (Vg)
1.5 V < Vg < 0 V
Input Power (Pin)
15 dBm
Abs. Max Junction/Channel Temp
MTTF Graph 1
Max. Operating Junction/Channel
Temp
175°C
Continuous Power Dissipation (Pdiss)
at 85 °C
7.0 W
Thermal Resistance (Tchannel=150°C)
12°C/W
Operating Temperature (Ta)
-40°C to +85°C
Storage Temperature (Tstg)
-65°C to +150°C
Mounting Temperature
See solder reflow
profile
ESD Min. - Machine Model (MM)
Class A
ESD Min. - Human Body Model (HBM)
Class 1A
MSL Level
MSL3
2. Channel temperature directly affects a device's MTTF.
Channel temperature should be kept as low as possible to
maximize lifetime.
3. For saturated performance it recommended that the sum of
(2*Vdd + abs (Vgg)) <9V
Recommended Layout


Similar Part No. - XP1080-QU-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1080-QU-EV1 MIMIX-XP1080-QU-EV1 Datasheet
955Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
More results

Similar Description - XP1080-QU-EV1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
   LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
   LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
   Linear Power Amplifier
logo
RF Micro Devices
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
   LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
   LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
   Linear Power Amplifier
logo
RF Micro Devices
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
   LINEAR POWER AMPLIFIER
RF2137 RFMD-RF2137 Datasheet
54Kb / 4P
   LINEAR POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AP172-317LF SKYWORKS-AP172-317LF Datasheet
216Kb / 6P
   Linear Power Amplifier
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075_15 Datasheet
179Kb / 6P
   Linear Power Amplifier
logo
RF Micro Devices
RF5622 RFMD-RF5622_11 Datasheet
200Kb / 9P
   LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com