Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XM1002-BD-000V Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # XM1002-BD-000V
Description  Fundamental Image Reject Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XM1002-BD-000V Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  XM1002-BD-000V Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XM1002-BD-000V Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XM1002-BD-000V Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XM1002-BD-000V Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XM1002-BD-000V Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XM1002-BD-000V Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. XM1002-BD-000V Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. XM1002-BD-000V Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. XM1002-BD-000V Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Image Reject Mixer
34 - 46 GHz
Rev. V1
XM1002-BD
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Fundamental Image Reject Mixer
 7.0 dB Conversion Loss
 20.0 dB Image Rejection
 +24 dBm Input Third Order Intercept
 100% On-Wafer RF Testing
 100% Visual Inspection to MIL-STD-883 Method
2010
 RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM Tech’s 34.0-46.0 GHz GaAs MMIC
fundamental image reject mixer can be used as an
up- or down-converter. The device has a conversion
loss of 7.0 dB with a 20.0 dB image rejection across
the band. I and Q mixer outputs are provided and an
external 90 degree hybrid is required to select the
desired sideband. This MMIC uses M/A-COM Tech’s
GaAs PHEMT device model technology, and is
based upon electron beam lithography to ensure
high repeatability and uniformity. The chip has
surface passivation to protect and provide a rugged
part with backside via holes and gold metallization to
allow either a conductive epoxy or eutectic solder
die attach process. This device is well suited for
Millimeter-wave
Point-to-Point
Radio,
LMDS,
SATCOM and VSAT applications.
Ordering Information
Part Number
Package
XM1002-BD-000V
“V” - vacuum release
gel paks
XM1002-BD-EV1
evaluation module
Absolute Maximum Ratings
Parameter
Absolute Max.
Gate Bias Voltage (Vg)
+0.3 VDC
Input Power (RF Pin)
+20.0 dBm
Input Power (IF Pin)
+20.0 dBm
Storage Temperature (Tstg)
-65 °C to +165 °C
Operating Temperature (Ta)
-55 °C to +125 °C
Chip Device Layout
XM1002-BD


Similar Part No. - XM1002-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1002-BD-000V MIMIX-XM1002-BD-000V Datasheet
324Kb / 8P
   34.0-46.0 GHz GaAs MMIC Image Reject Mixer
More results

Similar Description - XM1002-BD-000V

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD_15 Datasheet
1Mb / 11P
   Fundamental Image Reject Mixer
XM1003-BD MA-COM-XM1003-BD Datasheet
1Mb / 8P
   Image Reject Mixer
XM1002-BD MA-COM-XM1002-BD Datasheet
893Kb / 9P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH Datasheet
692Kb / 6P
   Image Reject Mixer
XM1001-QH MA-COM-XM1001-QH_15 Datasheet
692Kb / 6P
   Image Reject Mixer
logo
API Technologies Corp
IRM5XMS-1 APITECH-IRM5XMS-1 Datasheet
1Mb / 1P
   Image Reject Mixer
logo
M/A-COM Technology Solu...
XM1001-BD MA-COM-XM1001-BD Datasheet
1Mb / 10P
   Image Reject Mixer
logo
Mini-Circuits
JCIR-4MH MINI-JCIR-4MH Datasheet
313Kb / 2P
   Image Reject Mixer
JCIR-152H MINI-JCIR-152H Datasheet
380Kb / 2P
   Image Reject Mixer
logo
Spectrum Microwave, Inc...
IRM5XMS-1 SPECTRUM-IRM5XMS-1 Datasheet
994Kb / 1P
   Image Reject Mixer / SSB Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com