Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ-330F Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # CQ-330F
Description  High-Speed Response Coreless Current Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-330F Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button CQ-330F Datasheet HTML 2Page - Asahi Kasei Microsystems CQ-330F Datasheet HTML 3Page - Asahi Kasei Microsystems CQ-330F Datasheet HTML 4Page - Asahi Kasei Microsystems CQ-330F Datasheet HTML 5Page - Asahi Kasei Microsystems CQ-330F Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-330F Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-330F Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-330F Datasheet HTML 9Page - Asahi Kasei Microsystems CQ-330F Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
[CQ-330F]
015010209-E-00W
2015/08
- 6 -
9. Electrical Characteristics
Table 5. Electrical characteristics
Conditions (unless otherwise specified): Ta = 35°C, VDD = 5V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Current Consumption
IDD
No loads
8.3
11
mA
Sensitivity
(Note 1, Note 2, Note 3)
Vh
See paragraph 10.1
79.2
80.0
80.8
mV/A
Zero-Current Output
Voltage (Note 1, Note 2)
Vof
See paragraph 10.1
0.480
0.500
0.520
V
Linear Sensing Range
INS
-2.0
42.0
A
Linearity Error
(Note 1, Note 2)
ρ
See paragraph 10.2
−0.6
0.6
%F.S.
Rise Response Time
tr
CL = 100pF,
see paragraph 10.5
0.5
µsec
Fall Response Time
tf
CL = 100pF,
see paragraph 10.5
0.5
µsec
Bandwidth
fT
-3dB, CL = 100pF
1000
kHz
Output Noise (Note 2)
VNrms
100Hz to 4MHz
0.9
mVrms
Temperature Drift of
Sensitivity (Note 2)
Vh-dmax
Ta = −40 to 90°C
±2.3
%
Temperature Drift of
Zero-Current Output
Voltage (Note 2)
Vof-dmax
Ta = −40 to 90°C
IIN = 0A
±10
mV
Ratiometricity Error of
Sensitivity (Note 2)
Vh-R
VDD = 4.5V to 5.5V
−1.0
1.0
%
Ratiometricity Error of
Zero-Current Output
Voltage (Note 2)
Vof-R
VDD = 4.5V to 5.5V,
IIN = 0A
−0.5
0.5
%F.S.
Total Accuracy (Note 5)
ETO
Ta = −40 to 90°C
±2.6
%F.S.
Ta = 35°C
±0.5
Primary Conductor
Resistance (Note 4)
R1
1.6
mΩ
Isolation Voltage(Note 6)
VINS
AC 50/60Hz, 60sec
3.0
kV
Isolation Resistance
(Note 4)
RINS
DC 1kV
500
MΩ
Clearance Distance
(Note 4)
dCL
between primary and
secondary conductors
5.0
5.2
mm
Creepage Distance
(Note 4)
dCP
between primary and
secondary conductors
5.0
5.2
mm
Note 1. These parameters can drift by long-term use or reflow process. Please see ‘14. Reliability Tests’ for the
reference of drift values.
Note 2. The primary current (IIN) is swept within 0~10A. Current is applied within 35msec in each step.
Note 3. This parameter is tested on condition that current density is uniform. Sensitivity may change slightly
depending on a primary conductor layout on PCB. Please see the application note provided in the
AKM website.
Note 4. These parameters are guaranteed by design.


Similar Part No. - CQ-330F

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-3300 AKM-CQ-3300 Datasheet
588Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3301 AKM-CQ-3301 Datasheet
566Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3302 AKM-CQ-3302 Datasheet
564Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3303 AKM-CQ-3303 Datasheet
554Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330A AKM-CQ-330A Datasheet
553Kb / 19P
   High-Speed Response Coreless Current Sensor
More results

Similar Description - CQ-330F

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330E AKM-CQ-330E Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330A AKM-CQ-330A Datasheet
553Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A_16 Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3201 AKM-CQ-3201 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3302 AKM-CQ-3302 Datasheet
564Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-320A AKM-CQ-320A Datasheet
622Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202_16 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330G AKM-CQ-330G Datasheet
621Kb / 19P
   High-Speed Response Coreless Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com