Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PV3 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part No. PV3
Description  Single in-line DC-DC converter Single output 1.5W/3W
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LAMBDA [DENSEI-LAMBDA]
Homepage  http://www.global.tdk.com/
Logo 

PV3 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
123
Vdc
Vdc
mA
W
Input Voltage
Output Voltage (*1)
Output Current (max)
Output Power (max)
Withstand Voltage
Cooling
Operating Temperature
5V±5% (6V)
0 ~ 300 (250)
1.5
12V±5% (15V)
0 ~ 125 (100)
1.5
12VDC (9 ~ 18V)
5V±5% (6V)
0 ~ 300 (250)
1.5
24VDC (18 ~ 36V)
5V±5% (6V)
0 ~ 300 (250)
1.5
48VDC (36 ~ 72V)
5V±5% (6V)
0 ~ 300 (250)
1.5
5VDC (4.5 ~ 9.0V)
Model
PV1R5-5-5
PV1R5-5-12
PV1R5-12-5
PV1R5-24-5
PV1R5-48-5
Model name
PV 3 - 24 - 5
Features
Input/Output isolation
Single in-line type
Over current protection
Adjustable output voltage
Series
name
Output
power
Input
voltage
Output
voltage
PV1R5 (1.5W type) Specifications
Outline drawing
Terminal connection
(*1) Refer to Terminal connection
(*2) External capacitors are required at both input and output.
(*3) Over current protection: Output current limiting automatic recovery. Avoid to operate overload or dead short for more than 30 seconds.
PV-SERIES
Single in-line DC-DC converter
Single output 1.5W/3W
Input to Output : 500VAC for 1 minute
Convection cooling
–20 ~ +70°C (–20 ~ +50°C: 100%, +60°C: 70%, +70°C: 40%)
Vdc
Vdc
mA
W
Input Voltage
Output Voltage (*1)
Output Current (max)
Output Power (max)
Withstand Voltage
Cooling
Operating Temperature
5V±5%
0 ~ 600 (500)
3.0
12V±5% (15V)
0 ~ 250 (200)
3.0
12VDC (9 ~ 18V)
5V±5%
0 ~ 600 (500)
3.0
24VDC (18 ~ 36V)
5V±5%
0 ~ 600 (500)
3.0
48VDC (36 ~ 72V)
5V±5%
0 ~ 600 (500)
3.0
5VDC (4.5 ~ 9.0V)
Model
PV3-5-5
PV3-5-12
PV3-12-5
PV3-24-5
PV3-48-5
Input to Output : 500VAC for 1 minute
Convection cooling
–20 ~ +70°C (–20 ~ +50°C: 100%, +60°C: 70%, +70°C: 40%)
PV3 (3W type) Specifications
PV1R5 (1.5W type)
PV3 (3W type)
1 : +V Output pin
5
: TRM Output voltage setting pin
2,3: NC No connect
7,8 : –V Input pin
4 : –V Output pin
9,10 : +V Input pin
1,2: +V Output pin
7
: TRM Output voltage setting pin
3,4: NC No connect
9,10 : –V Input pin
5,6: –V Output pin
11,12: +V Input pin
Output voltage can be adjusted by TRM terminal.
Output power must be within the rating, when increasing the output voltage.
PP1R5 (1.5W type)
12V output: 5pin open 15V output: 5pin to 4pin connected
PP3 (3W type)
12V output: 7pin open 15V output: 7pin to 5pin (6pin) connected
(5V type adjustable to 6V)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn