Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPD3 Datasheet(PDF) 3 Page - DENSEI-LAMBDA

Part # PPD3
Description  Single output DC-DC converter 1.5W ~ 25W????
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PPD3 Datasheet(HTML) 3 Page - DENSEI-LAMBDA

  PPD3 Datasheet HTML 1Page - DENSEI-LAMBDA PPD3 Datasheet HTML 2Page - DENSEI-LAMBDA PPD3 Datasheet HTML 3Page - DENSEI-LAMBDA PPD3 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
121
PPD-SERIES
Dual output DC-DC converter 1.5W ~ 10W
3 year warranty
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
Model name
PPD 3-48-1212
Features
Compact and dual output DC-DC converter
Ultra-low profile: 8mm
Wide input voltage range
DC5V input: DC4.5 ~ 7.2V
DC12V input: DC8 ~ 16.5V
DC24V input: DC18 ~ 32V
DC48V input: DC32 ~ 63V
Operating temperature:
20 ~ +71°C
Isolation between input and output
3 year warranty
Name of series
Output power
Nominal output voltage
Nominal input voltage
1. Input voltage range
2. Output voltage
range
3. Cooling
4. Operating ambient
temperature
(Standard mounting)
5. Withstand voltage
6. Functions
DC5V input: DC4.5 ~ 7.2V
DC12V input: DC8 ~ 16.5V
DC24V input: DC18 ~ 32V
DC48V input: DC32 ~ 63V
Fixed
Convection cooling
–20 ~ +71°C
PPD1R5, PPD3: Output derating –20°C ~ +50°C: 100%, +71°C: 20%
PPD6, PPD10: Output derating –20°C ~ +55°C: 100%, +71°C: 20%
Input–output, Input–case: 500VAC for 1 min.
Over voltage protection
Specifications
PPD1R5-5-1212
PPD1R5-5-1515
PPD1R5-12-1212
PPD1R5-12-1515
PPD1R5-24-1212
PPD1R5-24-1515
PPD1R5-48-1212
PPD1R5-48-1515
PPD3-5-1212
PPD3-5-1515
PPD3-12-1212
PPD3-12-1515
PPD3-24-1212
PPD3-24-1515
PPD3-48-1212
PPD3-48-1515
PPD6-5-1212
PPD6-5-1515
PPD6-12-1212
PPD6-12-1515
PPD6-24-1212
PPD6-24-1515
PPD6-48-1212
PPD6-48-1515
PPD10-5-1212
PPD10-5-1515
PPD10-12-1212
PPD10-12-1515
PPD10-24-1212
PPD10-24-1515
PPD10-48-1212
PPD10-48-1515
PPD1R5
PPD3
PPD6
PPD10
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
60mA
50mA
60mA
50mA
60mA
50mA
60mA
50mA
120mA
100mA
120mA
100mA
120mA
100mA
120mA
100mA
250mA
200mA
250mA
200mA
250mA
200mA
250mA
200mA
350mA
300mA
450mA
350mA
450mA
350mA
450mA
350mA
1.44W
1.5W
1.44W
1.5W
1.44W
1.5W
1.44W
1.5W
2.88W
3.0W
2.88W
3.0W
2.88W
3.0W
2.88W
3.0W
6.0W
6.0W
6.0W
6.0W
6.0W
6.0W
6.0W
6.0W
8.4W
9.0W
10.8W
10.5W
10.8W
10.5W
10.8W
10.5W
Model name
Output voltage
Output current
Output power
Product lineup
PPD6
PPD10
PPD3
PPD1R5


Similar Part No. - PPD3

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PPD3-12-1212 LAMBDA-PPD3-12-1212 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
PPD3-12-1515 LAMBDA-PPD3-12-1515 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
PPD3-24-1212 LAMBDA-PPD3-24-1212 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
PPD3-24-1515 LAMBDA-PPD3-24-1515 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
PPD3-48-1212 LAMBDA-PPD3-48-1212 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
More results

Similar Description - PPD3

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-25 ASTRODYNE-SD-25 Datasheet
484Kb / 2P
   25W Single Output DC-DC Converter
logo
DENSEI-LAMBDA
PCD6 LAMBDA-PCD6 Datasheet
363Kb / 4P
   Single output DC-DC converter 1.5W ~ 6W?
PC6 LAMBDA-PC6 Datasheet
363Kb / 4P
   Single output DC-DC converter 1.5W ~ 6W
logo
Chinfa Electronics Ind....
TDD25-03S2 CHINFA-TDD25-03S2 Datasheet
334Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com