Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4339C Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PT7C4339C
Description  Real-time Clock Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4339C Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PT7C4339C Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4339C Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4339C Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4339C Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4339C Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4339C Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4339C Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4339C Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4339C Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-08-0008
PT0508-1
08/24/15
7
PT7C4339/4339C
Real-time Clock Module
Functional Description
1. Overview of Functions
1.1. Clock function
CPU can read or write data including the year (last two digits), month, date, day, hour, minute, and second. Any (two-digit)
year that is a multiple of 4 is treated as a leap year and calculated automatically as such until the year 2100.
For PT7C4339 on a power-on reset (POR), the time and date are set to 00:00:00 01/01/00 (hh:mm:ss DD/MM/YY) and the
Day register is set to 01.
1.2. Alarm function
This device has two alarm system (Alarm 1 and Alarm 2) that outputs interrupt signals from SQW/INT to CPU when the
date, day of the week, hour, minute or second correspond to the setting. Each of them may output interrupt signal separately at a
specified time. The alarm is be selectable between on and off for matching alarm or repeating alarm.
1.3. Programmable square wave output
A square wave output enable bit controls square wave output at pin 7. Frequencies are selectable: 1, 4.096k, 8.192k, 32.768
kHz.
1.4. Interface with CPU
Data is read and written via the I2C bus interface using two signal lines: SCL (clock) and SDA (data).
Since the output of the I/O pin SDA is open drain, a pull-up resistor should be used on the circuit board if the CPU output I/O
is also open drain.
The SCL's maximum clock frequency is 400 kHz, which supports the I2C bus's high-speed mode.
1.5. Oscillator fail detect
When oscillator fail, PT7C4339 OSF bit will be set.
1.6. Oscillator enable/disable
Oscillator can be enabled or disabled at the same time by /EOSC bit.
2. Operation
The PT7C4339 operates as a slave device on the serial bus. Access is obtained by implementing a START condition and
providing a device identification code followed by data. Subsequent registers can be accessed sequentially until a STOP condition
is executed. The device is fully accessible and data can be written and read when VCC is greater than VPF. However, when VCC falls
below VPF, the internal clock registers are blocked from any access. If VPF is less than VBACKUP, the device power is switched from
VCC to VBACKUP when VCC drops below VPF. If VPF is greater than VBACKUP, the device power is switched from VCC to VBACKUP
when VCC drops below VBACKUP. The registers are maintained from the VBACKUP source until VCC is returned to nominal levels.
3. Power Control
The power-control function is provided by a precise, temperature-compensated voltage reference and a comparator circuit
that monitors the VCC level. The device is fully accessible and data can be written and read when VCC is greater than VPF. However,
when VCC falls below VPF, the internal clock registers are blocked from any access. If VPF is less than VBACKUP, the device power is
switched from VCC to VBACKUP when VCC drops below VPF. If VPF is greater than VBACKUP, the device power is switched from VCC
to VBACKUP when VCC drops below VBACKUP. The registers are maintained from the VBACKUP source until VCC is returned to nominal
levels (Table 2). After VCC returns above VPF, read and write access is allowed after tREC (Figure 1). On the first application of
power to the device the time and date registers are reset to 01/01/00 01 00:00:00 (MM/DD/YY DOW HH:MM:SS).
Table 2:
Power Control Supply Condition
Read/Write Access
Power by
VCC < VPF, VCC < VBACKUP
No
VBACKUP
VCC < VPF, VCC > VBACKUP
No
VCC
VCC > VPF, VCC < VBACKUP
Yes
VCC
VCC > VPF, VCC > VBACKUP
Yes
VCC


Similar Part No. - PT7C4339C

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C43390 PERICOM-PT7C43390 Datasheet
2Mb / 38P
   Real-time Clock Module
PT7C43390C PERICOM-PT7C43390C Datasheet
2Mb / 38P
   Real-time Clock Module
PT7C43390CZEE PERICOM-PT7C43390CZEE Datasheet
2Mb / 38P
   Real-time Clock Module
PT7C43390LE PERICOM-PT7C43390LE Datasheet
2Mb / 38P
   Real-time Clock Module
PT7C43390LEX PERICOM-PT7C43390LEX Datasheet
2Mb / 38P
   Real-time Clock Module
More results

Similar Description - PT7C4339C

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307_13 Datasheet
532Kb / 15P
   Real-time Clock Module
logo
Epson ToYoCom
RX6110SAB EPSONTOYOCOM-RX6110SAB Datasheet
292Kb / 1P
   Real Time Clock Module
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
   Real Time Clock Module
logo
WAGO Kontakttechnik Gmb...
750-640 WAGO-750-640 Datasheet
509Kb / 12P
   Real-time clock Module
logo
Epson ToYoCom
RX4575LC EPSONTOYOCOM-RX4575LC Datasheet
148Kb / 2P
   Real Time Clock Module
RX6110SAA EPSONTOYOCOM-RX6110SAA Datasheet
348Kb / 2P
   Real Time Clock Module
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
   Real Time Clock Module
logo
Pericom Semiconductor C...
PT7C4337 PERICOM-PT7C4337_13 Datasheet
584Kb / 23P
   Real-time Clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com