Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4337LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT7C4337LE
Description  Real-time Clock Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4337LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT7C4337LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4337LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0205-9
06/18/13
2
PT7C4337
Real-time Clock Module (I
2C Bus)
Pin Assignment
X2
INTA
GND
VCC
SQW/INTB
SCL
6
7
8
1
2
3
X1
4
5
SDA
PT7C4337
DIP-8、SOIC-8
MSOP8
Pin Description
Pin No.
Pin
Type
Description
1
X1
I
Oscillator Circuit Input. Together with X1, 32.768kHz crystal is connected between them.
Or external clock input.
2
X2
O
Oscillator Circuit Output. Together with X1, 32.768kHz crystal is connected between
them. When 32.768kHz external input, X2 must be float.
6
SCL
I
Serial Clock Input. SCL is used to synchronize data movement on the I
2C serial interface.
5
SDA
I/O
Serial Data Input/Output. SDA is the input/output pin for the 2-wire serial interface. The
SDA pin is open-drain output and requires an external pull-up resistor.
3
INTA
O
Interrupt Output. When enabled, INTA is asserted low when the time matches the values
set in the alarm registers. This pin is an open-drain output and requires an external pull up
resistor.
7
SQW/I
NTB
O
Square-Wave/Interrupt Output. Programmable square-wave or interrupt output signal. It
is an open-drain output and requires an external pull up resistor.
8
VCC
P
Power. Primary power for PT7C4337.
4
GND
P
Ground.
/
NC
No Connect. These pins are not connected internally, but must be grounded for proper
operation.
Maximum Ratings
Storage Temperature ............................................................ -65℃ to +150℃
Ambient Temperature with Power Applied ........................... -40℃ to +85℃
Supply Voltage to Ground Potential (VCC to GND) ............... -0.3V to +6.5V
DC Input (All Other Inputs except Vcc & GND)
...................................... -0.3Vto(Vcc+0.3V)
DC Output Voltage (SDA, /INTA, /INTB pins)........................................-0.3V to +6.5V
DC Output Current (FOUT) ............................................... -0.3V to (Vcc +0.3V)
Power Dissipation .............................................320mW(depend on package)
Note:
Stresses
greater
than
those
listed
under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute
maximum
rating
conditions
for
extended periods may affect reliability.


Similar Part No. - PT7C4337LE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Pericom Semiconductor C...
PT7C4337A PERICOM-PT7C4337A Datasheet
810Kb / 25P
   Real-time Clock Module
PT7C4337ACSE PERICOM-PT7C4337ACSE Datasheet
810Kb / 25P
   Real-time Clock Module
PT7C4337ACZSAE PERICOM-PT7C4337ACZSAE Datasheet
810Kb / 25P
   Real-time Clock Module
PT7C4337ALE PERICOM-PT7C4337ALE Datasheet
810Kb / 25P
   Real-time Clock Module
More results

Similar Description - PT7C4337LE

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307_13 Datasheet
532Kb / 15P
   Real-time Clock Module
logo
Epson ToYoCom
RX6110SAB EPSONTOYOCOM-RX6110SAB Datasheet
292Kb / 1P
   Real Time Clock Module
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
   Real Time Clock Module
logo
WAGO Kontakttechnik Gmb...
750-640 WAGO-750-640 Datasheet
509Kb / 12P
   Real-time clock Module
logo
Epson ToYoCom
RX4575LC EPSONTOYOCOM-RX4575LC Datasheet
148Kb / 2P
   Real Time Clock Module
RX6110SAA EPSONTOYOCOM-RX6110SAA Datasheet
348Kb / 2P
   Real Time Clock Module
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
   Real Time Clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com