Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4307 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PT7C4307
Description  Real-time Clock Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4307 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PT7C4307_13 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4307_13 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4307_13 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4307_13 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4307_13 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4307_13 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4307_13 Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4307_13 Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4307_13 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-06-0002
PT0206-5
06/18/13
7
PT7C4307
Real-time Clock Module (I2C Bus)
Function Description
Clock function
CPU can read or write data including the year (last two digits),
month, date, day, hour, minute, and second. Any (two-digit)
year that is a multiple of 4 is treated as a leap year and
calculated automatically as such until the year 2099.
Programmable square wave output
A square wave output enable bit controls square wave output
at pin 7. 4 frequencies are selectable: 1, 4.096k, 8.192k,
32.768k Hz.
Interface with CPU
Data is read and written via the I
2C bus interface using two
signal lines: SCL (clock) and SDA (data).
Since the output of the I/O pin SDA is open drain, a pull-up
resistor should be used on the circuit board if the CPU output
I/O is also open drain.
The SCL's maximum clock frequency is 400 kHz, which
supports the I
2C bus's high-speed mode.
Oscillator enable/disable
Oscillator can be enabled or disabled by /EOSC bit. But time
count chain does not shut down when the bit is logic 1.
RAM
568 nonvolatile RAM are available for customer use.
Registers
Allocation of registers
Addr.
(hex)
*1
Function
Register definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
Seconds (00-59)
/EOSC
*2
S40
S20
S10
S8
S4
S2
S1
01
Minutes (00-59)
0
M40
M20
M10
M8
M4
M2
M1
02
Hours (00-23 / 01-12)
0
12, /24
H20 or
P, /A
H10
H8
H4
H2
H1
03
Days of the week (01-07)
0
0
0
0
0
W4
W2
W1
04
Dates (01-31)
0
0
D20
D10
D8
D4
D2
D1
05
Months (01-12)
0
0
0
MO10
MO8
MO4
MO2
MO1
06
Years (00-99)
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
07
Control
*3
OUT
*4
0
0
SQWE
*5
0
0
RS1
*6
RS0
*6
08~3F
RAM
*7
-
-
-
-
-
-
-
-
Caution points:
*1. PT7C4307 uses 6 bits for address. That is if write data to 41H, the data will be written to 01H address register.
*2. Oscillator Enable bit. When this bit is set to 1, oscillator is stopped but time count chain is still active.
*3. Control register was used to select SQW/OUT pin output square wave with one of 4 kinds of frequency or DC level.
*4. Control SQW/OUT pin output DC level when square wave is disabled.
*5. Square wave outputs enable at SQW/OUT pin.
*6. Square wave output frequency select.
*7. PT7C4307 has 568 static RAM for customer use. It is volatile RAM.
*8. All bits marked with "0" are read-only bits. Their value when read is always "0". All bits marked with "-" are customer using
space.


Similar Part No. - PT7C4307_13

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4307P PERICOM-PT7C4307P Datasheet
516Kb / 20P
   Real-time Clock Module (I2C Bus)
PT7C4307W PERICOM-PT7C4307W Datasheet
516Kb / 20P
   Real-time Clock Module (I2C Bus)
More results

Similar Description - PT7C4307_13

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson ToYoCom
RX6110SAB EPSONTOYOCOM-RX6110SAB Datasheet
292Kb / 1P
   Real Time Clock Module
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
   Real Time Clock Module
logo
WAGO Kontakttechnik Gmb...
750-640 WAGO-750-640 Datasheet
509Kb / 12P
   Real-time clock Module
logo
Epson ToYoCom
RX4575LC EPSONTOYOCOM-RX4575LC Datasheet
148Kb / 2P
   Real Time Clock Module
RX6110SAA EPSONTOYOCOM-RX6110SAA Datasheet
348Kb / 2P
   Real Time Clock Module
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
   Real Time Clock Module
logo
Pericom Semiconductor C...
PT7C4337 PERICOM-PT7C4337_13 Datasheet
584Kb / 23P
   Real-time Clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com