Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5012T-EK1 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # SE5012T-EK1
Description  5 GHz Front-End Module with Power Detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5012T-EK1 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button SE5012T-EK1 Datasheet HTML 2Page - Skyworks Solutions Inc. SE5012T-EK1 Datasheet HTML 3Page - Skyworks Solutions Inc. SE5012T-EK1 Datasheet HTML 4Page - Skyworks Solutions Inc. SE5012T-EK1 Datasheet HTML 5Page - Skyworks Solutions Inc. SE5012T-EK1 Datasheet HTML 6Page - Skyworks Solutions Inc. SE5012T-EK1 Datasheet HTML 7Page - Skyworks Solutions Inc. SE5012T-EK1 Datasheet HTML 8Page - Skyworks Solutions Inc. SE5012T-EK1 Datasheet HTML 9Page - Skyworks Solutions Inc. SE5012T-EK1 Datasheet HTML 10Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DATA SHEET • SE5012T: 5 GHz FRONT-END MODULE WITH POWER DETECTOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202395D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 12, 2015
9
3.30 ± 0.10
8.00 ± 0.10
3.30 ± 0.10
Ø1.55 + 0.05
1.75 + 0.10
Ø1.5 Min.
Y
Y
2.0 ± 0.1 (Note 1)
4.0 ± 0.1 (Note 2)
Section Y-Y
View “A”
0.30 ± 0.05
0.80 ± 0.10
Ref. 3º
Ref.
R0.6
“A”
Pin #1
ts012
Notes:
1. Measured from center line of sprocket hole to center line of pocket.
2. Cumulative tolerance of 10 sprocket holes is ±0.20 mm.
3. Other material available.
4. Typical SR of form tape from 105 to 1011
Ω/SQ.
5. All measurements are in millimeters unless otherwise stated.
Figure 7. SE5012T 16-pin QFN Carrier Tape Dimensions


Similar Part No. - SE5012T-EK1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE5018 PHILIPS-SE5018 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
SE5019 PHILIPS-SE5019 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
SE5019F PHILIPS-SE5019F Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
SE5019N PHILIPS-SE5019N Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
More results

Similar Description - SE5012T-EK1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE5007T-DS SKYWORKS-SE5007T-DS Datasheet
367Kb / 11P
   SE5007T: 5 GHz Front End Module with Power Detector
logo
TriQuint Semiconductor
TQF7059 TRIQUINT-TQF7059 Datasheet
536Kb / 7P
   5 GHz WLAN Front End Module
logo
Skyworks Solutions Inc.
SKY85735-11 SKYWORKS-SKY85735-11 Datasheet
174Kb / 2P
   5 GHz, 802.11ac Front-End Module
SKY85724-11 SKYWORKS-SKY85724-11 Datasheet
175Kb / 2P
   5 GHz, 802.11ac Front-End Module
SKY85717-11 SKYWORKS-SKY85717-11 Datasheet
196Kb / 2P
   5 GHz, 802.11ac Front-End Module
SKY85712-21 SKYWORKS-SKY85712-21 Datasheet
595Kb / 12P
   5 GHz WLAN Front-End Module
SKY85738-11 SKYWORKS-SKY85738-11 Datasheet
172Kb / 2P
   5 GHz WLAN Front-End Module
SKY85711-11 SKYWORKS-SKY85711-11 Datasheet
195Kb / 2P
   5 GHz WLAN Front-End Module
SKY85728-11 SKYWORKS-SKY85728-11 Datasheet
173Kb / 2P
   5 GHz WLAN Front-End Module
SKY85734-11 SKYWORKS-SKY85734-11 Datasheet
175Kb / 2P
   5 GHz, 802.11ac Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com