Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE2431L Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SE2431L
Description  Smart meters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2431L Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SE2431L_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SE2431L_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SE2431L_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SE2431L_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SE2431L_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SE2431L_15 Datasheet HTML 7Page - Skyworks Solutions Inc. SE2431L_15 Datasheet HTML 8Page - Skyworks Solutions Inc. SE2431L_15 Datasheet HTML 9Page - Skyworks Solutions Inc. SE2431L_15 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DATA SHEET • SE2431L: 2.4 GHz FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
June 29, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202410J
Table 7. SE2431L Electrical Specifications: AC Characteristics, Diversity Antenna Function (Note 1)
(VCC1 = VCC2 = 3 V, TA = +25
C, as Measured on the Evaluation Board [De-Embedded to the Device], All Unused Ports Terminated with
50
Ω, Unless Otherwise Noted)
Parameter
Symbol
Min
Typical
Max
Units
Isolation between ANT1 and ANT2 ports
ISOLANTSW
–20
dB
Antenna 1 to antenna 2 switching time
tANT1-ANT2
400
ns
Note 1: Performance is guaranteed only under the conditions listed in the above table. Unused antenna port should be connected to 50
Ω.
Table 8. SE2431L Logic Controls (Note 1)
(VCC = 3 V, TA = +25
C, Unless Otherwise Noted)
Mode
Description
CPS
CSD
CTX
ANT_SEL
0
All off (sleep mode) (Note 2)
0
0
0
X
1
Rx or Tx bypass mode
0
1
0
X
2
Rx LNA mode
1
1
0
X
3
Tx mode
X
1
1
X
ANT1 port enabled
X
1
X
0
ANT2 port enabled
X
1
X
1
Note 1: The logic 0 and 1 levels are compliant to VIL and VIH, respectively, as specified in Table 5.
Note 2: All controls must be at logic 0 to achieve the specified sleep current.
Evaluation Board Description
The SE2431L Evaluation Board is used to test the performance of
the SE2431L front-end module (FEM). An Evaluation Board
schematic diagram is provided in Figure 3. A reference design
schematic is shown in Figure 4. A photograph of the Evaluation
Board is shown in Figure 5. A Bill of Materials (BOM) for the
Evaluation Board is provided in Table 9.
Evaluation Board Setup Procedure
Connect Supply
1. Connect J32, J34, and J35 to 50
Ω instruments. Terminate all
unused ports (if applicable) with 50
Ω.
2. Connect the supply ground to Pin 20 of the J36 header.
3. Connect 3.0 V to Pins 1, 3, and 16 of J36.
4. Refer to Table 8 for information about selecting the required RF
path and for antenna port control.
Measure TX Performance
Apply an RF signal to connector J34 (TR) to monitor the 2.4 GHz
amplifier performance. Monitor the output power on connector
J35 (ANT1) or J32 (ANT2).
Measure RX Performance
Apply an RF signal to connector J35 (ANT1) or J32 (ANT2) to
monitor the 2.4 GHz LNA performance. Monitor the output signal
on connector J34 (TR).
CAUTION: Care should be taken not to overdrive the amplifier by
applying too much RF on the input to the device. A
suitable starting input power for the device is
–20 dBm.


Similar Part No. - SE2431L_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2431L-R SKYWORKS-SE2431L-R Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SE2431L_15

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT40003 WPI-WPANT40003 Datasheet
90Kb / 2P
   Flexible ISM Antenna for Smart Meters
WPANT40009 WPI-WPANT40009 Datasheet
179Kb / 3P
   Flexible Cellular Antenna for Smart Meters
WPANT40012-CA WPI-WPANT40012-CA_16 Datasheet
97Kb / 2P
   Flexible ISM Antenna for Smart Meters
WPANT40024 WPI-WPANT40024 Datasheet
160Kb / 2P
   Flexible ISM Antenna for Smart Meters
logo
Taoglas antenna solutio...
MA120.A.QP.001 TAOGLAS-MA120.A.QP.001 Datasheet
3Mb / 14P
   For smart meters and mesh networks
logo
World Produts Inc.
WPANT40007 WPI-WPANT40007 Datasheet
176Kb / 3P
   Flexible Cellular Antenna for Smart Meters
WPANT40011 WPI-WPANT40011 Datasheet
136Kb / 2P
   Flexible ISM Antenna for Smart Meters
WPANT40001 WPI-WPANT40001 Datasheet
208Kb / 4P
   Flexible Cellular Antenna for Smart Meters (AMI)
WPANT40005 WPI-WPANT40005 Datasheet
299Kb / 5P
   Flexible 450 MHz Antenna for Smart Meters
WPANT40006 WPI-WPANT40006 Datasheet
299Kb / 5P
   Flexible 450 MHz Antenna for Smart Meters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com