Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65070RSLT Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65070RSLT
Description  Single Chip Power Solution for Battery Powered Systems
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65070RSLT Datasheet(HTML) 45 Page - Texas Instruments

Back Button TPS65070RSLT Datasheet HTML 41Page - Texas Instruments TPS65070RSLT Datasheet HTML 42Page - Texas Instruments TPS65070RSLT Datasheet HTML 43Page - Texas Instruments TPS65070RSLT Datasheet HTML 44Page - Texas Instruments TPS65070RSLT Datasheet HTML 45Page - Texas Instruments TPS65070RSLT Datasheet HTML 46Page - Texas Instruments TPS65070RSLT Datasheet HTML 47Page - Texas Instruments TPS65070RSLT Datasheet HTML 48Page - Texas Instruments TPS65070RSLT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
TPS65070, TPS65072
TPS65073, TPS650731, TPS650732
www.ti.com
SLVS950H – JULY 2009 – REVISED SEPTEMBER 2015
10.6.2 INT. Register Address: 02h
INT
B7
B6
B5
B4
B3
B2
B1
BO
USB or AC
USB or AC
MASK
PB_IN
Bit name and
MASK
MASK TSC
TSC INT
input voltage
input voltage
function
PB_IN
AC/USB
INT
applied
removed
Default
0
0
0
0
0
0
0
0
Cleared when Cleared when Cleared when Cleared when
Set by signal
read
read
read
read
Default value
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
loaded by:
Read/write
R/W
R/W
R/W
R
R
R
R
R
Bit 7
MASK AC/USB
0 = no interrupt generated if voltage at AC or USB is applied or removed
1 = the pin INT is actively pulled low if one of the Bits 1 to Bit 0 are 1
Bit 6
MASK TSC
0 = no interrupt generated if the touch screen is detecting a “touch”
1 = the pin INT is actively pulled low if a “touch” on the touch screen is detected
Bit 5
MASK PB_IN
0 = no interrupt generated if the PB_IN is pulled low.
1 = the pin INT is actively pulled low if PB_IN was pulled low.
Bit 3
TSC INT
0 = no “touch” on the touch screen detected
1 = “touch” detected and the Bit has not been read ever since
Bit 2
PB_IN INT
0 = PB_IN not active
1 = PB_IN is actively pulled low (or high optionally) and the Bit has not been read ever since
Bit 1
USB or AC INPUT VOLTAGE APPLIED
0 = no change (voltage still applied or never applied)
1 = voltage at USB or AC has been applied and the Bit has not been read ever since
Bit 0
USB or AC INPUT VOLTAGE REMOVED
0 = no change (voltage still applied or never applied)
1 = the voltage at USB or AC has been removed and the Bit has not been read ever since
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: TPS65070 TPS65072 TPS65073 TPS650731 TPS650732


Similar Part No. - TPS65070RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070RSLT TI-TPS65070RSLT Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65070RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com