Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PBW-1201 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part No. PBW-1201
Description  Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc     
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LAMBDA [DENSEI-LAMBDA]
Homepage  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PBW-1201 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  PBW-1201 Datasheet HTML 1Page - DENSEI-LAMBDA PBW-1201 Datasheet HTML 2Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
171
PBW-SERIES
Features
(1) For equipment designed to conform EMI
regulations such as VCCI, CISPR, FCC, VDE,
etc.
(2) Attenuates conductive emission from power
supply
(3) Leakage current: 1mA max. (250V, 60Hz)
(4) Compact and light weight
Safety standard
UL1283,
CSA Std. C22. 2 No. 8
VDE0565 Teil. 3
VDE0565 will transfer to EN133200
on and after July 23, 2003.
Specifications
1
2
3
4
5
6
7
8
9
Rated voltage (AC, DC)
Rated current (AC, DC)
(Note)
Test voltage (terminal to case, AC 1 minute)
Isolation resistance (terminal to case, 500VDC)
Leakage current
DC resistance
Temperature rise
Operating temperature range
Weight
(typ)
250V
1500V
100M
Ω min.
0.35mA max.
0.75mA max.
30°C max.
–25 ~ +85°C
1A
2A
3A
6A
1.2
Ω max.
0.4
Ω max.
0.25
Ω max.
0.12
Ω max.
Item
Model
PBW-1201-33
PBW-1202-33
PBW-1203-33
PBW-1206-33
60g
60g
60g
60g
125V, 60Hz
250V, 60Hz
Circuit
Derating
(Note) : Value at Ta
55°C. Refer to the derating curve shown below at Ta > 55°C.
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
Outline drawings
PBW-1203
PBW-1201
PBW-1206
PBW-1202
Case: Plastic (PBT: UL94V-0)
(Unit: mm)
<
=
()


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn