Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62152-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS62152-Q1
Description  Automotive Wide Input, Fixed 3V Output Voltage, 1A Step-Down Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62152-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62152-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS62152-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS62152-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS62152-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS62152-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS62152-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS62152-Q1_15 Datasheet HTML 13Page - Texas Instruments TPS62152-Q1_15 Datasheet HTML 14Page - Texas Instruments TPS62152-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
control logic
Soft
start
Thermal
Shtdwn
UVLO
PG control
power
control
error
amplifier
gate
drive
HS lim
LS lim
PVIN
PVIN
AVIN
PG
PGND
PGND
AGND
comp
comp
+
_
timer tON
DCS - Control
TM
direct control
&
compensation
comparator
ramp
SW
SW
SW
EN
*
SS/TR
DEF
*
FSW
*
VOS
FB
*
* This pin is connected to a pull down resistor internally
(see Detailed Description section).
TPS62152-Q1
www.ti.com
SLVSC52B – JULY 2013 – REVISED SEPTEMBER 2015
7 Detailed Description
7.1 Overview
The base for the TPS62152-Q1 synchronous switched-mode power converters is the DCS-Control™ topology
(direct control with seamless transition into power-save mode), an advanced regulation topology that combines
the advantages of hysteretic, voltage-mode and current mode control including an ac loop directly associated to
the output voltage. This control loop takes information about output voltage changes and feeds it directly to a fast
comparator stage. The control loop sets the switching frequency, which is constant for steady-state operating
conditions, and provides immediate response to dynamic load changes. A voltage feedback loop obtains
accurate dc load regulation. The internally compensated regulation network achieves fast and stable operation
with small external components and low-ESR capacitors.
The DCS-Control topology supports pulse-width modulation (PWM) mode for medium and heavy load conditions
and a power save-mode at light loads. During PWM, the device operates at the nominal switching frequency in
continuous-conduction mode. This frequency is typically about 2.5 MHz, with a controlled frequency variation
depending on the input voltage. If the load current decreases, the converter enters power-save mode to sustain
high efficiency down to very light loads. In power-save mode, the switching frequency decreases linearly with the
load current. Because DCS-Control topology supports both operation modes within one single building block, the
transition from PWM to power-save mode is seamless, without effects on the output voltage.
Because the TPS62152-Q1 device has a fixed output voltage of 3.3 V, the device provide smallest solution size
and lowest current consumption, requiring only three external components. An internal current limit supports
nominal output currents of up to 1 A.
The TPS62152-Q1 device offers both excellent dc voltage and superior load-transient regulation, combined with
very low output-voltage ripple, minimizing interference with RF circuits.
7.2 Functional Block Diagram
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62152-Q1


Similar Part No. - TPS62152-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
More results

Similar Description - TPS62152-Q1_15

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
   Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
ACT4070 ACTIVE-SEMI-ACT4070_11 Datasheet
388Kb / 11P
   Wide Input 3A Step Down Converter
Rev 2, 16-Sep-11
ACT4070B ACTIVE-SEMI-ACT4070B Datasheet
303Kb / 9P
   Wide Input 3A Step Down Converter
Rev 0, 23-Apr-12
logo
Champion Microelectroni...
CM2500 CHAMP-CM2500 Datasheet
223Kb / 11P
   WIDE INPUT 2A STEP DOWN CONVERTER
logo
Active-Semi, Inc
ACT4060 ACTIVE-SEMI-ACT4060 Datasheet
355Kb / 9P
   Wide Input 2A Step Down Converter
Rev8, 24-Jul-07
ACT4075 ACTIVE-SEMI-ACT4075 Datasheet
704Kb / 10P
   Wide Input 2.5A Step Down Converter
Rev PrA, 13-Aug-07
ACT4070 ACTIVE-SEMI-ACT4070 Datasheet
590Kb / 10P
   Wide Input 3A Step Down Converter
Rev 0, 12/2006
ACT4012A ACTIVE-SEMI-ACT4012A Datasheet
345Kb / 10P
   Wide Input 1.5A Step Down Converter
Rev PrA, 21-Nov-07
logo
FOSLINK SEMICONDUCTOR C...
FSP3128 FOSLINK-FSP3128 Datasheet
361Kb / 10P
   WIDE INPUT 3A STEP-DOWN CONVERTER
FSP3129 FOSLINK-FSP3129 Datasheet
368Kb / 10P
   WIDE INPUT 2A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com